Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 50 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 50 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 46Page - ams-OSRAM AG AS3701 Datasheet HTML 47Page - ams-OSRAM AG AS3701 Datasheet HTML 48Page - ams-OSRAM AG AS3701 Datasheet HTML 49Page - ams-OSRAM AG AS3701 Datasheet HTML 50Page - ams-OSRAM AG AS3701 Datasheet HTML 51Page - ams-OSRAM AG AS3701 Datasheet HTML 52Page - ams-OSRAM AG AS3701 Datasheet HTML 53Page - ams-OSRAM AG AS3701 Datasheet HTML 54Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 110 page
background image
ams Datasheet
Page 49
[v1-11] 2016-Dec-14
Document Feedback
AS3701 − Detailed Description – System Functions
PWM Output
When selected, the GPIOx output provides the PWM signal
generated by the internal programmable PWM generator. Its
timing is defined by pwm_h_time [pwm_control_h], pwm_l_
time [pwm_control_l] and pwm_div [ReferenceControl].
The gpioX_mode [GPIOxcontrol] should be set to output.
The gpioX_iosf [GPIOxcontrol] should be set to PWM output.
For GPIO1 and GPIO2, the PWM output signal can be visualized
via the Current sinks. In this case the gpioX_mode [GPIOxcontrol]
should be set to CURRx.
GPIO Interrupt Input
A falling or rising edge will set the gpio_int bit.
The gpioX_mode [GPIOxcontrol] should be set to input.
The gpioX_iosf [GPIOxcontrol] should be set to GPIO Interrupt
input.
Current Sink PWM Input
The GPIO is used as PWM input for the current sink to control
the current. 100% PMW mode will set the current to the value
set in currX_current [currX_value] register.
The gpioX_mode [GPIOxcontrol] should be set to input.
The gpioX_iosf [GPIOxcontrol] should be set to Current sink PWM
input.
Vselect Input
As long as the GPIOx pin is low the DCDC/LDOs operate with
the normal register settings. If the GPIOx pin goes high, the
settings will change to the ones stored in RegX_voltage [RegX_
Voltage].
The gpioX_mode [GPIOxcontrol] should be set to input.
The gpioX_iosf [GPIOxcontrol] should be set to vselect input.
GPIO1 and GPIO2 may be used to control two regulators
separately.
Figure 56:
GPIO Vselect Modes
gpio1_
iosf
gpio2_
iosf
gpio3_
iosf
gpio4_
iosf
gpio5_
iosf
Vselect Mode
≠5
≠5
≠5
≠5
≠5
No voltage select by GPIO for regulator
5
≠5≠5≠5
≠5
GPIO1 controls regulator selected by
reg1_select and reg2_select
≠5
5
≠5
≠5
≠5
GPIO2 controls regulator selected by
reg1_select and reg2_select
5
5
≠5
≠5
≠5
GPIO1 controls regulator selected by reg1_select
GPIO2 controls regulator selected by reg2_select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com