Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 44 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 44 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 40Page - ams-OSRAM AG AS3701 Datasheet HTML 41Page - ams-OSRAM AG AS3701 Datasheet HTML 42Page - ams-OSRAM AG AS3701 Datasheet HTML 43Page - ams-OSRAM AG AS3701 Datasheet HTML 44Page - ams-OSRAM AG AS3701 Datasheet HTML 45Page - ams-OSRAM AG AS3701 Datasheet HTML 46Page - ams-OSRAM AG AS3701 Datasheet HTML 47Page - ams-OSRAM AG AS3701 Datasheet HTML 48Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 110 page
background image
ams Datasheet
Page 43
[v1-11] 2016-Dec-14
Document Feedback
AS3701 − Detailed Description – System Functions
Power OFF
During power OFF state all circuits are shut-OFF. Thus the
current consumption of AS3701 is reduced to about 1
μA. Except
the reset control registers, all other registers are set to their
default value after power-ON.
The chip stays in power OFF mode until
• The external pin ON is pulled high
• The charger is inserted or
• The VPOR level is touched to start a complete reset cycle.
The AS3701 can be set into Power OFF if one of the following
conditions occur:
• ResVoltFall was reached (VSUP < ResVoltFall [Battery_
voltage_monitor])
• Software forced power OFF (power_off [ResetControl] = 1)
• ON-key long press
• auto_off [Startup_Control] is enabled (VSUP rising from
the scratch)
Voltage Detection
If VSUP falls below ResVoltFall for longer than 500ms and the
bit power_off_at_vsuplow [Startup_Control] is set to “1”, the
PMIC enters the Power Off mode.
Figure 51:
Voltage Detection Power OFF
Software Forced Power OFF
To put the chip into power off mode, write ‘1’ into power_off
[ResetControl]. In ON-key-switch configuration the AS3701 will
startup immediately again, if the switch is in ON position.
The bit power_off bit is automatically cleared by a startup and
its associated reset cycle.
SupResEn
power_off_at_vsuplow = 1
0
A power-down is initiated, if VSUP < 2.7V.
If enabled, an interrupt is executed at ResVoltFall.
Restart only possible with ON key or charger insertion, if VSUP > ResVoltRise.
1
A power-down is initiated, if VSUP < ResVoltFall.
Restart only possible with ON key or charger insertion, if VSUP > ResVoltRise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com