Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 45 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 45 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 41Page - ams-OSRAM AG AS3701 Datasheet HTML 42Page - ams-OSRAM AG AS3701 Datasheet HTML 43Page - ams-OSRAM AG AS3701 Datasheet HTML 44Page - ams-OSRAM AG AS3701 Datasheet HTML 45Page - ams-OSRAM AG AS3701 Datasheet HTML 46Page - ams-OSRAM AG AS3701 Datasheet HTML 47Page - ams-OSRAM AG AS3701 Datasheet HTML 48Page - ams-OSRAM AG AS3701 Datasheet HTML 49Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 110 page
background image
Page 44
ams Datasheet
Document Feedback
[v1-11] 2016-Dec-14
AS3701 − Detailed Description – System Functions
Long ON-Key Press
For a power OFF asserted with a long ON-key press, this feature
must be enabled by setting the bit onkey_lpress_en
[ResetControl] to “1”. When applying a high level on the ON input
pin for 4s/8s (depending on on_lpress_delay [ReferenceControl])
a power off gets initiated, if the bit onkey_lpress_reset
[ReferenceControl] is set to “0”. A long ON key power off is
possible, if the ON key works as a push-button or as a switch.
Figure 52:
ON-Key Long Press Power OFF Behavior
Note(s):
1. If a USB charger adapter is connected, the ON-key push-button long press would only force a power-off, if the bit chg_pwr_off_en
is set to "1"!
2. If a USB charger adapter is connected and the bit chg_pwr_off_en is set to "0" (level detection), the ON-key-switch OFF position has
no influence. The PMIC will stay in Activemode as long as the USB adapter is present! If a USB adapter is connected and the bit chg_
pwr_off_en is set to "1" (edge detection), the PMIC can be set into Power-OFF via I²C, if the ON-key switch is also in OFF position!
Auto-OFF
If VSUP is rising from the scratch and the bit auto_off [Startup_
Control] is set to “1”, the PMIC enters immediately the
Power-OFF mode right after VSUP reaches the ResVoltRise.
If the ON-key is in switch configuration the Auto-OFF feature
only works, when the switch is in OFF position during VSUP
rising from scratch!
onkey_
lpress_en
onkey_lpress_
reset
on_reset_
delay
on_tast_sw
Long Press Behavior
0X
X
X
No ON-key long press power OFF is
possible
10
0
0
8s long press on the ON-push-button
forces a power OFF (1)
10
1
0
4s long press on the ON-push-button
forces a power OFF (1)
10
0
1
Forces a power OFF after 8s, if
ON-switch is set to OFF position (2)
10
1
1
Forces a power OFF after 4s, if
ON-switch is set to OFF position (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com