Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 28 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 28 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 24Page - ams-OSRAM AG AS3701 Datasheet HTML 25Page - ams-OSRAM AG AS3701 Datasheet HTML 26Page - ams-OSRAM AG AS3701 Datasheet HTML 27Page - ams-OSRAM AG AS3701 Datasheet HTML 28Page - ams-OSRAM AG AS3701 Datasheet HTML 29Page - ams-OSRAM AG AS3701 Datasheet HTML 30Page - ams-OSRAM AG AS3701 Datasheet HTML 31Page - ams-OSRAM AG AS3701 Datasheet HTML 32Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 110 page
background image
ams Datasheet
Page 27
[v1-11] 2016-Dec-14
Document Feedback
AS3701 − Detailed Description – Power Management Functions
Stop Charging Conditions
There are multiple safety features implemented triggering a
stop_charging condition.
These are the following:
• Battery temperature is too high: If ntc_high_on
[ChargerSupervision] = 1 and the voltage at pin NTC
(GPIO3, GPIO4 or XIRQ_NTC) is below VBATTEMP.
• Battery temperature is too low: If ntc_low_on
[ChargerSupervision] = 1 and the voltage at pin NTC
(GPIO3, GPIO4 or XIRQ_NTC) is above VBATTEMP.
• Charging timeout timer expired: If ch_timeout
[ChargerConfig2] > 0 and charging time has been
exceeded. (Can be reset by unplugging the charger,
setting bat_charging_enable [ChargerControl] = 0 or
writing charging_tmax [ChargerConfig2] = 0)
• Die temperature > 140°C (ov_temp_140
[OvertemperatureControl] is set)
• Reset is initiated (each Reset reason forces a stopping of
the charging)
Battery Presence Indication
After EOC state is reached, a timer for NOBAT detection is
started. If there is no battery present, the VBAT voltage will drop
to VRESUME. Depending on the load on VBAT and the capacitor
on VBAT this might take some milliseconds to 1 second. If
AutoResume [ChargerControl] is enabled, the charger will restart
charging (Constant Current Charging) after 100ms delay.
The 100ms dead time is necessary to get a battery oscillation
frequency below 10Hz, if there is no battery present.
If the NOBAT detection timer is below 2 seconds after reaching
the EOC state, and this happens 2 times in serial, the bit NoBat
[ChargerStatus1] is set. If a battery is inserted, the bit will be
reset after the timer exceeds the 2 seconds.
NTC Supervision
Configuration
The AS3701 also features a supply for an external NTC resistor
to measure the battery temperature while charging. For
AS3701A, the pin XIRQ_NTC can be used as the NTC input pin,
whilst AS3701B additionally offers the GPIO3 and GPIO4. With
the bit NTC_input [ChargerSupervision] the NTC Supervision can
be configured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com