Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 59 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 59 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 55Page - ams-OSRAM AG AS3701 Datasheet HTML 56Page - ams-OSRAM AG AS3701 Datasheet HTML 57Page - ams-OSRAM AG AS3701 Datasheet HTML 58Page - ams-OSRAM AG AS3701 Datasheet HTML 59Page - ams-OSRAM AG AS3701 Datasheet HTML 60Page - ams-OSRAM AG AS3701 Datasheet HTML 61Page - ams-OSRAM AG AS3701 Datasheet HTML 62Page - ams-OSRAM AG AS3701 Datasheet HTML 63Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 110 page
background image
Page 58
ams Datasheet
Document Feedback
[v1-11] 2016-Dec-14
AS3 701 − Register Description
32h
Battery_voltage_
monitor
FastResEn
SupResEn
ResVoltFall<5:3>
ResVoltRise<2:0>
33h
Startup_control
chg_pwr_off_
en
power_off_
at_vsuplow
stby_reset_
disable
auto_off
off_delay<3:2>
res_timer<1:0>
35h
ReferenceControl
on_lpress_
delay
on_tast_sw
onkey_
lpress_reset
standby_
mode_on
clk_int<3:2>
pwm_div<1:0>
36h
ResetControl
reset_reason<7:4>
onkey_
lpress_en
on_input
power_off
force_reset
37h
Overtemperature
Control
tco_140_a
tco_110_a
temp_test<5:4>
rst_ov_temp_
140
ov_temp_140
ov_temp_110
temp_pmc_
on
39h
Reg_standby_
mod1
-
disable_
regpd
sd1_stby_on
ldo2_stby_on
ldo1_stby_on
41h
pwm_control_l
pwm_l_time<7:0>
42h
pwm_control_h
pwm_h_time<7:0>
43h
curr1_value
curr1_current<7:0>
44h
curr2_value
curr2_current<7:0>
73h
RegStatus
 -
curr2_lv
curr1_lv
 -
sd1_lv
74h
InterruptMask1
LowBat_int_
m
ovtmp_int_m
onkey_int_m
chdet_int_m
eoc_int_m
resume_int_
m
nobat_int_m
trickle_int_m
75h
InterruptMask2
gpio5_int_m
gpio4_int_m
gpio3_int_m
gpio2_int_m
gpio1_int_m
gpio_restart_
int_m
sd1_lv_int_m
bat_temp_m
77h
InterruptStatus1
LowBat_int_i
ovtmp_int_i
onkey_int_i
chdet_int_i
eoc_int_i
resume_int_i
nobat_int_i
trickle_int_i
78h
InterruptStatus2
gpio5_int_i
gpio4_int_i
gpio3_int_i
gpio2_int_i
gpio1_int_i
gpio_restart_
int_i
sd1_lv_int_i
bat_temp_i
Addr
Name
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com