Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 19 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 19 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 15Page - ams-OSRAM AG AS3701 Datasheet HTML 16Page - ams-OSRAM AG AS3701 Datasheet HTML 17Page - ams-OSRAM AG AS3701 Datasheet HTML 18Page - ams-OSRAM AG AS3701 Datasheet HTML 19Page - ams-OSRAM AG AS3701 Datasheet HTML 20Page - ams-OSRAM AG AS3701 Datasheet HTML 21Page - ams-OSRAM AG AS3701 Datasheet HTML 22Page - ams-OSRAM AG AS3701 Datasheet HTML 23Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 110 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-11] 2016-Dec-14
AS3701 − Detailed Description – Power Management Functions
Figure 21:
DCDC Step Down Converter Efficiency vs. Load Current at 4MHz
DCDC Efficiency vs. Output Current: VSUP = 3.7V, fSW = 4MHz, Murata LQM2HPN1R0MG0L 1μH coil, TAMB = 25°C.
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Output Current (A)
Vout = 0.6125V, low noise
Vout = 0.6125V
Vout = 1.2V, low noise
Vout = 1.2V
Vout = 1.8V, low noise
Vout = 1.8V
Vout = 3.0V, low noise
Vout = 3.0V
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Output Current (A)
Vout = 1.0V, low noise
Vout = 1.0V
Vout = 1.5V, low noise
Vout = 1.5V
Vout = 2.5V, low noise
Vout = 2.5V
Vout = 3.35V, low noise
Vout = 3.35V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com