Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 7Page - ams-OSRAM AG AS3701 Datasheet HTML 8Page - ams-OSRAM AG AS3701 Datasheet HTML 9Page - ams-OSRAM AG AS3701 Datasheet HTML 10Page - ams-OSRAM AG AS3701 Datasheet HTML 11Page - ams-OSRAM AG AS3701 Datasheet HTML 12Page - ams-OSRAM AG AS3701 Datasheet HTML 13Page - ams-OSRAM AG AS3701 Datasheet HTML 14Page - ams-OSRAM AG AS3701 Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 110 page
background image
Page 10
ams Datasheet
Document Feedback
[v1-11] 2016-Dec-14
AS3701 − Detailed Description – Power Management Functions
Step Down Converter
The step-down converter is a high-efficiency fixed frequency
current mode regulator. By using low resistance internal PMOS
and NMOS switches, efficiency up to 95% can be achieved. The
fast switching frequency allows using small inductors, without
increasing the current ripple. The unique feedback and
regulation circuit guarantees optimum load and line regulation
over the whole output voltage range, up to the maximum
output current, with an output capacitor of only 10μF. The
implemented current limitation protects the DCDC Converter
and the coil during overload condition.
Figure 9:
DCDC Step-Down Converter Block Diagram
Detailed Description –
Power Management Functions
Logic
+
Σ
IMIN
ILIMIT
170mA
800mA
ISENSEP
ISENSEN
Zero
Comparator
PWM
Comparator
Overvoltage
Comparator
Ref + 8%
Ref - 5%
Slope
Compensation
Softstart
Ref = 0.6V
Skip
Sd_low_noise
Clk
Sd_lv
buck _v
FB_SD1
VSS_SD1
LX_SD1
VOUT
VSUP
2.2uF
1uH
10uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com