Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 47 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 47 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 43Page - ams-OSRAM AG AS3701 Datasheet HTML 44Page - ams-OSRAM AG AS3701 Datasheet HTML 45Page - ams-OSRAM AG AS3701 Datasheet HTML 46Page - ams-OSRAM AG AS3701 Datasheet HTML 47Page - ams-OSRAM AG AS3701 Datasheet HTML 48Page - ams-OSRAM AG AS3701 Datasheet HTML 49Page - ams-OSRAM AG AS3701 Datasheet HTML 50Page - ams-OSRAM AG AS3701 Datasheet HTML 51Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 110 page
background image
Page 46
ams Datasheet
Document Feedback
[v1-11] 2016-Dec-14
AS3701 − Detailed Description – System Functions
GPIO Pins
AS3701A contains 2 GPIO pins and AS3701B offers 5 GPIO pins.
Each of the pins can be configured as digital input, digital input
(with pull-up or pull-down), push-pull output or open drain
output (with or without pull-up). When configured as output
the output source can be a register bit, or the PWM generator.
Additional the GPIO1 and GPIO2 can be configured as a Current
sink and the GPIO3 and GPIO4 (only available in AS3701B) can
offer an input to connect a NTC for supervising the battery
temperature.
The polarity of the input and output signals can be inverted
with the corresponding gpioX_invert [GPIOXcontrol] bit, all
further descriptions refer to normal (non-inverted) mode.
Figure 54:
GPIO Block Diagram
GPIO Block Diagram: Shows the internal structure of the IO pads
&
&
=1
&
=1
gpioX_out: 0
VSUP_low output: 2
Pwr_good output: 7
Interrupt output: 1
Charger active output: 10
EOC output: 11
PWM output: 14
gpioX_in: 0
Current sink PWM input: 4
vselect input: 5
Stand-by + vselect input: 6
GPIO Interrupt input: 3
Charger Current Range1: 8
Charger Current Range2: 9
100/500mA USB current limit: 12
900/1400mA USB current limit: 13
gpioX_invert
gpioX_iosf
gpioX_iosf
gpioX_mode = 1, 2 or 6
gpioX_mode = 1
gpioX_mode = 0, 2, 4, 5 or 6
gpioX_mode = 4 or 6
gpioX_mode = 5
300k
300k
VSUP
GPIOx
CURR1/2
Charger enable input: 15
gpio3/4_mode = 3 (NTC)
gpio1/2_mode = 7
=1
gpioX_invert
gpioX_iosf
curr1/2_current
gpioX_out: 0
VSUP_low output: 2
Pwr_good output: 7
Interrupt output: 1
Charger active output: 10
EOC output: 11
PWM output: 14
&
gpio1/2_mode = 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com