Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 40 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 40 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 36Page - ams-OSRAM AG AS3701 Datasheet HTML 37Page - ams-OSRAM AG AS3701 Datasheet HTML 38Page - ams-OSRAM AG AS3701 Datasheet HTML 39Page - ams-OSRAM AG AS3701 Datasheet HTML 40Page - ams-OSRAM AG AS3701 Datasheet HTML 41Page - ams-OSRAM AG AS3701 Datasheet HTML 42Page - ams-OSRAM AG AS3701 Datasheet HTML 43Page - ams-OSRAM AG AS3701 Datasheet HTML 44Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 110 page
background image
ams Datasheet
Page 39
[v1-11] 2016-Dec-14
Document Feedback
AS3701 − Detailed Description – System Functions
RESET Reasons
Reset can be activated from the below mentioned different
sources:
• VPOR has been reached (VSUP rising from the scratch)
• ResVoltFall was reached (VSUP < ResVoltFall [Battery_
voltage_monitor])
• Software forced reset (force_reset [ResetControl] = 1)
• XRES is pulled to low
• ON-key long press (on_tast_sw is set to "0")
• Overtemperature
Voltage Detection
A Reset gets initiated, if VSUP rises from scratch and reaches the
VPOR level. The pin XRES is only released if VSUP is above
ResVoltRise.
VXRES_fall is only accepted if the reset condition is longer than
VXRES_mask. This guard time is used to avoid a complete reset of
the system in case of short drops of VSUP.
Figure 47:
Voltage Detection Reset
Software Forced Reset
Writing “1” into the register bit force_reset [ResetControl]
immediately starts a reset cycle. The bit force_reset is
automatically cleared by this reset.
External Triggered Reset
If the pin XRES is pulled from high to low by an external source
(e.g. microprocessor or button) a reset cycle is started as well.
SupResEn
power_off_at_vsuplow = 0
0
A reset is initiated, if VSUP < 2.7V.
If enabled, an interrupt is executed at ResVoltFall.
Automatic restart, if VSUP > ResVoltRise.
1
A reset is initiated, if VSUP < ResVoltFall.
Automatic restart, if VSUP > ResVoltRise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com