Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 2 Page - ams-OSRAM AG

  AS3701 Datasheet HTML 1Page - ams-OSRAM AG AS3701 Datasheet HTML 2Page - ams-OSRAM AG AS3701 Datasheet HTML 3Page - ams-OSRAM AG AS3701 Datasheet HTML 4Page - ams-OSRAM AG AS3701 Datasheet HTML 5Page - ams-OSRAM AG AS3701 Datasheet HTML 6Page - ams-OSRAM AG AS3701 Datasheet HTML 7Page - ams-OSRAM AG AS3701 Datasheet HTML 8Page - ams-OSRAM AG AS3701 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 110 page
background image
ams Datasheet
Page 1
[v1-11] 2016-Dec-14
Document Feedback
AS3701
Micro-PMIC
The AS3701 is a small compact PMU for small size and low power
applications.
AS3701 features one 500mA DCDC buck converter operating
from 1MHz up to 4MHz, two 200mA LDOs, two 40mA current
sinks and offers additional GPIO functions. Further, the device
contains an integrated linear battery charger with constant
current and constant voltage operation. The wide charging
current range going from 11mA up to 500mA and the integrated
battery temperature monitoring with selectable NTC beta
values make this device suitable for a great variety of
applications.
The single supply voltage may vary from 2.7V to 5.5V and all
functionalities of AS3701 can be controlled via the I²C interface.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of AS3701, Micro-PMIC are listed
below:
Figure 1:
Added Value of Using AS3701
Benefits
Features
• Multiple rails in a compact design for low
power applications
• 2 x 200mA universal LDO (1.2V to 3.3V)
• 500mA Step-down DCDC (0.6125V to 3.35V)
• 2 programmable current sources up to 40mA
• Possible external PWM dimming input
• Self-contained Li-Ion battery charger with
power path
• Linear charger with internal transistor
• 500mA max charging current
• Trickle-, constant current and constant voltage
operation (3.82V to 4.44V)
• Charger timeout and temperature supervision
• NTC beta selection
• Flexible multi-purpose IOs for general control
tasks and for standalone operation without
I²C interface
• Wake-up / Stand-by / Power-down input
• PWM input/output
• Interrupt input/output
• Low battery and Power Good output
• Charging and USB current setting input
• Charger control input/output
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com