Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 8Page - ams-OSRAM AG AS3701 Datasheet HTML 9Page - ams-OSRAM AG AS3701 Datasheet HTML 10Page - ams-OSRAM AG AS3701 Datasheet HTML 11Page - ams-OSRAM AG AS3701 Datasheet HTML 12Page - ams-OSRAM AG AS3701 Datasheet HTML 13Page - ams-OSRAM AG AS3701 Datasheet HTML 14Page - ams-OSRAM AG AS3701 Datasheet HTML 15Page - ams-OSRAM AG AS3701 Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 110 page
background image
ams Datasheet
Page 11
[v1-11] 2016-Dec-14
Document Feedback
AS3701 − Detailed Description – Power Management Functions
Mode Settings
To allow optimized performance in different applications, there
are bit settings possible, to get the best compromise between
high efficiency and low input/output ripple.
Figure 10:
DCDC Step-Down Converter Mode Settings
Low-Ripple, Low-Noise Operation
Low-ripple, low-noise operation can be enabled by setting the
bit sd_low_noise [SD_control1] to 1.
In this mode there is no minimum coil current necessary before
switching OFF the PMOS. As long as the load current is superior
to the ripple current, the device operates in continuous mode.
When the load current gets lower, the discontinuous mode is
triggered. Resultant the auto-zero comparator stops the NMOS
conduction to avoid load discharger and the duty cycle is
reduced down to tMIN_ON to keep the regulation loop stable.
This results in a very low ripple and noise, but decreased
efficiency at light loads, especially at low input to output
voltage differences.
Mode Setting: This graph shows the
difference of the efficiency curves for
high efficiency and low noise mode
setting. VSUP = 3.7V, VOUT = 2.5V,
fSW = 3MHz, TAMB = 25°C.
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Output Current (A)
Vout = 2.5V, low noise
Vout = 2.5V
1
2
3
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com