Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 36 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 36 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 32Page - ams-OSRAM AG AS3701 Datasheet HTML 33Page - ams-OSRAM AG AS3701 Datasheet HTML 34Page - ams-OSRAM AG AS3701 Datasheet HTML 35Page - ams-OSRAM AG AS3701 Datasheet HTML 36Page - ams-OSRAM AG AS3701 Datasheet HTML 37Page - ams-OSRAM AG AS3701 Datasheet HTML 38Page - ams-OSRAM AG AS3701 Datasheet HTML 39Page - ams-OSRAM AG AS3701 Datasheet HTML 40Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 110 page
background image
ams Datasheet
Page 35
[v1-11] 2016-Dec-14
Document Feedback
AS3701 − Detailed Description – System Functions
Figure 41:
Start-Up Flowchart
Start-Up
Batter y or Charger insertion
1. VS UP > VPOR
2. Readout ROM fuse
auto_off = 1
POWER OFF state
Quiescent curr ent ~1uA
Y
on_input = 1 (level det)
(debo unce time = 20ms)
OR C harger insertio n
(ch g_pwr_off_en=0 (level det))
(ch g_pwr_off_en=1 (edge det))
N
auto_off = 1 OR
power_off_at_vsuplow = 1
Y
VSUP debounce state
Measuring V SUP
Quiesent cur rent <30uA
N
VSUP>ResVoltRise
fo r more than 5ms
N
N
on_input = 1 (level det)
OR ChDet = 1
N
VSUP < ResVoltFall
fo r more than 500ms
Y
N
Y
Y
Y
power_off = 1 OR
(VSUP<ResVoltFall &&
power_off_at_vsuplow=1)
N
Reset all Registers
Switch off Regulators
reset r egister s and reload OTP
registers expect:
pwr_off_at_vsupl ow
Y
RUN startup sequence
regulator star tup sequence
star tup delay program mable
General Settings pr ogramm able
RESET Timer
regulator star tup executed
waiti ng tim e t o rel ease XRES pin
10..150ms
ACTIVE state
XRES = 1
(OSC alway s on)
standby_mod e_on = 1
OR GP IOx = 1 if gpiox_iosf = 6
(edge det)
OFF delay
wait off_delay
N
STAND-BY state
al l regulators wi th
sdX_stby_on = 1 or
ldoX_stby_on = 1 enabled
(OSC is off, if sdX_stby_on = 0)
any
Interru pt app lied O R
on_input = 1 (level det)
(debo unce time = 20ms)
power_off = 1 OR
fo rce_reset = 1 OR
(XRES is lo w &&
stdby_reset_disable = 1) OR
VSUP<ResVoltFall
N
N
Y
Y
Die temp > 140°C
(tco_140_a = 1)
Y
power_off = 1 OR
fo rce_reset = 1 OR
XRES is lo w O R
VSUP<ResVoltFall OR
ON lon g-press (edge det)
N
Y
Die temp > 110°C
(tco_110_a = 1)
N
Y
N
any state
OFF delay
off_delay = 8ms
OFF delay
wait off_delay
OFF delay
off_delay = 8ms
OFF delay
wait off_delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com