Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 16 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 16 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 12Page - ams-OSRAM AG AS3701 Datasheet HTML 13Page - ams-OSRAM AG AS3701 Datasheet HTML 14Page - ams-OSRAM AG AS3701 Datasheet HTML 15Page - ams-OSRAM AG AS3701 Datasheet HTML 16Page - ams-OSRAM AG AS3701 Datasheet HTML 17Page - ams-OSRAM AG AS3701 Datasheet HTML 18Page - ams-OSRAM AG AS3701 Datasheet HTML 19Page - ams-OSRAM AG AS3701 Datasheet HTML 20Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 110 page
background image
ams Datasheet
Page 15
[v1-11] 2016-Dec-14
Document Feedback
AS3701 − Detailed Description – Power Management Functions
Fast Regulation Mode
This mode can be used to react faster on sudden load changes
and thus minimize the over-/undershoot of the output voltage.
This mode needs a 22
μF output capacitor instead the 10μF one
to guarantee the stability of the regulator.
The mode is enabled by setting the bit sd_fast [SD_control1]
to 1.
Selectable Frequency Operation
Especially for very low load conditions, e.g. during a sleep mode
of a processor, the switching frequency can be reduced to
achieve a higher efficiency. The frequency can be set to 1, 2, 3
or 4MHz and this mode is selected by setting sd1_freq
[SD1Voltage] and sd1_fsel [SD_control1] to the appropriate
values.
Parameters
Figure 16:
DCDC Step-Down Converter Electrical Characteristics
Symbol
Parameter
Note
Min
Typ
Max
Unit
VIN
Input Voltage
Pin VSUP
2.7
5.5
V
VOUT
Regulated Output Voltage
0.6125
3.35
V
VOUT_TOL
Output Voltage Tolerance
min. 40mV
-3
+3
%
ILIMIT
Current Limit
800
mA
RPMOS
P-switch ON resistance
0.36
1
Ω
RNMOS
N-switch ON resistance
0.33
1
Ω
fSW
Switching Frequency
1
3
4
MHz
ILOAD
Load Current
500
mA
ISUP_DCDC
Current Consumption
Operating Current
without Load
27
μA
Shutdown Current
0.1
tMIN_ON
Minimum ON Time
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com