Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 88 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 88 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 84Page - ams-OSRAM AG AS3701 Datasheet HTML 85Page - ams-OSRAM AG AS3701 Datasheet HTML 86Page - ams-OSRAM AG AS3701 Datasheet HTML 87Page - ams-OSRAM AG AS3701 Datasheet HTML 88Page - ams-OSRAM AG AS3701 Datasheet HTML 89Page - ams-OSRAM AG AS3701 Datasheet HTML 90Page - ams-OSRAM AG AS3701 Datasheet HTML 91Page - ams-OSRAM AG AS3701 Datasheet HTML 92Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 110 page
background image
ams Datasheet
Page 87
[v1-11] 2016-Dec-14
Document Feedback
AS3701 − Register Description
Figure 104:
ChargerStatus1
Figure 105:
ChargerStatus2
Addr:86h
ChargerStatus1
Bit
Bit Name
Default
Access
Bit Description
7NoBat
b0
R
Bit is set when battery detection circuit indicates that no
battery is connected to the system.
6:5
temp_cond
b00
R
Indicates temperature condition
0 : Battery is in typical condition (0deg < battemp <
45/60deg)
1 : Battery is in cold condition (battemp < 0deg)
2 : Battery is in hot condition (battemp > 45/60deg)
3 : NA
4
EOC
b0
R
Bit is set if End of charge state has been reached
3
CVM
b0
R
Bit is set if charger is operating in constant voltage mode
2Trickle
b0
R
Bit is set, if charger is operating in trickle current.
Vbat<2.9V
1
Resume
b0
R
Bit is set if Battery voltage is below resume level
0
CCM
b0
R
Bit is set if charger is operating in constant current mode
Addr:87h
ChargerStatus2
Bit
Bit Name
Default
Access
Bit Description
3chdet_off
b0
RW
SW can turn OFF charger detection circuit for power-OFF
state
0 : Charger detection is always enabled
1 : Charger detection is disabled in power-OFF state
2ChDet
b0
R
Bit is set when external charge adapter has been detected
on pin USB
1:0
batsw_mode
b00
R
Bit indicates the status of the battery switch operation
mode
0 : Battery switch is closed (charger disconnected or
(charger connected and usb_chgEn =0))
1 : Battery switch is open, ideal diode operation (charger
connected but EOC reached)
2 : Battery switch is closed and acting as a voltage limited
current source (charging)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com