Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 89 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 89 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 85Page - ams-OSRAM AG AS3701 Datasheet HTML 86Page - ams-OSRAM AG AS3701 Datasheet HTML 87Page - ams-OSRAM AG AS3701 Datasheet HTML 88Page - ams-OSRAM AG AS3701 Datasheet HTML 89Page - ams-OSRAM AG AS3701 Datasheet HTML 90Page - ams-OSRAM AG AS3701 Datasheet HTML 91Page - ams-OSRAM AG AS3701 Datasheet HTML 92Page - ams-OSRAM AG AS3701 Datasheet HTML 93Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 110 page
background image
Page 88
ams Datasheet
Document Feedback
[v1-11] 2016-Dec-14
AS3701 − Register Description
Figure 106:
LockRegister
Figure 107:
ASIC_ID1
Figure 108:
ASIC_ID2
Addr:8eh
LockRegister
Bit
Bit Name
Default
Access
Bit Description
2charger_lock
b0
R
Enables lock of the charger registers 81h, 82h, 83h, 84h
Chargervoltagecontrol, Chargercurrentcontrol,
Chargerconfig1, Chargerconfig2 Bits can only be set. Reset
only with full reset cycle
1:0
reg_lock
b00
R
Enables lock of Regulator voltages Bits can only be set.
Reset only with full reset cycle Disable write to testmodes
registers if LDO_lock>0 writing stepdown voltage to 0
should be possible all the time to allow switching ON the
regulator. Writing a nonzero value after that should
restore the old value
0 : No lock
1 : Lock of voltage of LDOs (LDOx_vsel) (all bits) and
voltage of StepDownBits(sdx_vsel) [5:6] only
2 : Lock voltage of StepDownBits(sdx_vsel) [5:6] only
3 : Lock voltage of StepDown (all bits) and LDOs (all bits).
Addr:90h
ASIC_ID1
Bit
Bit Name
Default
Access
Bit Description
7:0
ID1
b00010001
RO
 
Addr:91h
ASIC_ID2
Bit
Bit Name
Default
Access
Bit Description
3:0
revision
b0000
RO
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com