Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 80 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 80 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 76Page - ams-OSRAM AG AS3701 Datasheet HTML 77Page - ams-OSRAM AG AS3701 Datasheet HTML 78Page - ams-OSRAM AG AS3701 Datasheet HTML 79Page - ams-OSRAM AG AS3701 Datasheet HTML 80Page - ams-OSRAM AG AS3701 Datasheet HTML 81Page - ams-OSRAM AG AS3701 Datasheet HTML 82Page - ams-OSRAM AG AS3701 Datasheet HTML 83Page - ams-OSRAM AG AS3701 Datasheet HTML 84Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 110 page
background image
ams Datasheet
Page 79
[v1-11] 2016-Dec-14
Document Feedback
AS3701 − Register Description
Figure 95:
InterruptMask2
Figure 96:
InterruptStatus1
Addr:75h
InterruptMask2
Bit
Bit Name
Default
Access
Bit Description
7
gpio5_int_m
b1
RW
Rising and falling edge
6
gpio4_int_m
b1
RW
Rising and falling edge
5
gpio3_int_m
b1
RW
Rising and falling edge
4
gpio2_int_m
b1
RW
Rising and falling edge
3
gpio1_int_m
b1
RW
Rising and falling edge
2
gpio_restart_int_m
b1
RW
Falling edge only
1
sd1_lv_int_m
b1
RW
Rising edge only
0
bat_temp_m
b1
RW
Rising and falling edge
Addr:77h
InterruptStatus1
Bit
Bit Name
Default
Access
Bit Description
7
LowBat_int_i
b0
RO
Bit is set when VSUP drops below ResVoltFall
6
ovtmp_int_i
b0
RO
Bit is set when 110deg is exceeded
5
onkey_int_i
b0
RO
 
4
chdet_int_i
b0
RO
 
3
eoc_int_i
b0
RO
 
2
resume_int_i
b0
RO
 
1
nobat_int_i
b0
RO
 
0
trickle_int_i
b0
RO
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com