Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 87 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 87 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 83Page - ams-OSRAM AG AS3701 Datasheet HTML 84Page - ams-OSRAM AG AS3701 Datasheet HTML 85Page - ams-OSRAM AG AS3701 Datasheet HTML 86Page - ams-OSRAM AG AS3701 Datasheet HTML 87Page - ams-OSRAM AG AS3701 Datasheet HTML 88Page - ams-OSRAM AG AS3701 Datasheet HTML 89Page - ams-OSRAM AG AS3701 Datasheet HTML 90Page - ams-OSRAM AG AS3701 Datasheet HTML 91Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 110 page
background image
Page 86
ams Datasheet
Document Feedback
[v1-11] 2016-Dec-14
AS3701 − Register Description
Figure 103:
ChargerSupervision
Addr:85h
ChargerSupervision
Bit
Bit Name
Default
Access
Bit Description
7ntc_high_on
b1
RW
Enables the battery high temperature supervision via NTC
resistor (depends on ntc_mode)
0 : NTC battery 45/60deg temp supervision disabled
1 : NTC battery 45/60deg temp supervision enabled
6
ntc_low_on
b0
RW
Enables the battery low temperature supervision via NTC
resistor
0 : NTC battery 0deg temp supervision disabled
1 : NTC battery 0deg temp supervision enabled
5
ntc_10k
b0
RW
Select NTC resistor
0 : 100k (ntc_current = 15
μA)
1 : 10k (ntc_current = 150
μA)
4
ntc_mode
b0
RW
Defines the temperature level for the battery high
temperature supervision
0 : 45deg
1 : 60deg
3:2
NTC_input
b00
RW
Defines the NTC input
0 : no NTC input
1 : XIRQ_NTC pin
2 : GPIO3 pin
3 : GPIO4 pin
1:0
ntc_beta
b00
RW
Sets the ntc beta
0 : 3000 (0deg:1.41V & 45deg:0.59V/60deg:0.42V)
1 : 3500 (0deg:1.49V & 45deg:0.54V/60deg:0.37V)
2 : 4000 (0deg:1.56V & 45deg:0.50V/60deg:0.31V)
3 : 4500 (0deg:1.63V & 45deg:0.46V/60deg:0.27V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com