Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 3Page - ams-OSRAM AG AS3701 Datasheet HTML 4Page - ams-OSRAM AG AS3701 Datasheet HTML 5Page - ams-OSRAM AG AS3701 Datasheet HTML 6Page - ams-OSRAM AG AS3701 Datasheet HTML 7Page - ams-OSRAM AG AS3701 Datasheet HTML 8Page - ams-OSRAM AG AS3701 Datasheet HTML 9Page - ams-OSRAM AG AS3701 Datasheet HTML 10Page - ams-OSRAM AG AS3701 Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 110 page
background image
Page 6
ams Datasheet
Document Feedback
[v1-11] 2016-Dec-14
AS3701 − Pin Assignments
Figure 6:
Pin Description
Pin Number
Pin
Name
I/O
Description
Max.
Voltage
If Not
Used
17
Balls
20
Balls
A2
A2
VUSB
S
Wall adapter or USB Bus Power input
(before protection)
5.5V
Pull-down to
GND
A1
A1
VSUP_CHG
SIO
Current limiter output,
LDO1 & LDO2 pos. supply terminal
VSUP
Mandatory
D2
D2
VSUP_SD1
S
DCDC pos. supply terminal
VSUP
Mandatory
B1
B1
VBAT
S
Li-Ion Battery Terminal
5.5V
Open
A5
A5
GND
AIO
Reference GND
-
Mandatory
A4
A4
LDO1
AO
LDO1 Output
3.3V
Open
A3
A3
LDO2
AO
LDO2 Output
3.3V
Open
D1
D1
LX_SD1
AIO
DCDC Step Down Switch Output to
Coil
5.5V
Open
B2
B2
FB_SD1
AI
DCDC Step Down Feedback Pin
3.6V
Open
D4
D4
XRES
DIO
Reset IO
VSUP
Pull-up to
VSUP
D3
D3
ON
DI
Power Up Input
5.5V
Open
B3
B3
XIRQ_NTC
AIO
Interrupt Output or NTC Input
VSUP
Open
D5
D5
SCL
DI
2-wire Serial IF Clock Input
VSUP
Pull-up to
VSUP
C4
C4
SDA
DIO
2-wire Serial IF Data I/O
VSUP
Pull-up to
VSUP
C5
C5
GPIO1_
CURR1
DIO
General Purpose IO1 or LED Channel 1
VSUP
Open
B5
B5
GPIO2_
CURR2
DIO
General Purpose IO2 or LED Channel 2
VSUP
Open
-
B4
GPIO3
DIO
General Purpose IO3
VSUP
Open
-
C2
GPIO4
DIO
General Purpose IO4
VSUP
Open
-
C3
GPIO5
DIO
General Purpose IO5
VSUP
Open
C1
C1
VSS_SD1
AIO
GND connector of DCDC
-
Mandatory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com