Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 86 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 86 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 82Page - ams-OSRAM AG AS3701 Datasheet HTML 83Page - ams-OSRAM AG AS3701 Datasheet HTML 84Page - ams-OSRAM AG AS3701 Datasheet HTML 85Page - ams-OSRAM AG AS3701 Datasheet HTML 86Page - ams-OSRAM AG AS3701 Datasheet HTML 87Page - ams-OSRAM AG AS3701 Datasheet HTML 88Page - ams-OSRAM AG AS3701 Datasheet HTML 89Page - ams-OSRAM AG AS3701 Datasheet HTML 90Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 110 page
background image
ams Datasheet
Page 85
[v1-11] 2016-Dec-14
Document Feedback
AS3701 − Register Description
Figure 102:
ChargerConfig2
Addr:84h
ChargerConfig2
Bit
Bit Name
Default
Access
Bit Description
7:5
eoc_current
b001
RW
Sets eoc current
0 : 5% of ConstantCurrent
1 : 10% of ConstantCurrent (default)
2 : 15% of ConstantCurrent
3 : 20% of ConstantCurrent
4 : 25% of ConstantCurrent
5 : 30% of ConstantCurrent
6 : 40% of ConstantCurrent
7 : 50% of ConstantCurrent
4charging_tmax
b0
R_PUSH
Write: reset charger timeout counter
0 : Read: No timeout reached
1 : Charging timeout reached and charging stopped
3:0
ch_timeout
b0111
RW
Charging timeout timer
0 : OFF
1 : 0.5h
2 : 1h
3 : 1.5h
4 : 2h
5 : 2.5h
6 : 3h
7 : 3.5h(default)
8 : 4h
9 : 4.5h
10 : 5h
11 : 5.5h
12 : 6h
13 : 6.5h
14 : 7h
15 : 7.5h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com