Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 27 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 27 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 23Page - ams-OSRAM AG AS3701 Datasheet HTML 24Page - ams-OSRAM AG AS3701 Datasheet HTML 25Page - ams-OSRAM AG AS3701 Datasheet HTML 26Page - ams-OSRAM AG AS3701 Datasheet HTML 27Page - ams-OSRAM AG AS3701 Datasheet HTML 28Page - ams-OSRAM AG AS3701 Datasheet HTML 29Page - ams-OSRAM AG AS3701 Datasheet HTML 30Page - ams-OSRAM AG AS3701 Datasheet HTML 31Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 110 page
background image
Page 26
ams Datasheet
Document Feedback
[v1-11] 2016-Dec-14
AS3701 − Detailed Description – Power Management Functions
setting of the bit eoc_current [ChargerCurrentControl]). If the
measured charge current is less than or equal to eoc_current,
the charging cycle is terminated and EOC [ChargerStatus1] is set.
Resume
If EOC is reached and the bit AutoResume [ChargerControl] is set,
the charging will immediately start again, if the battery voltage
falls below the specified resume voltage ChVoltResume
[ChargerConfig1]. This voltage can be set either to 3.33% or
5.56% of ChVoltEOC [ChargerVoltageControl].
Figure 31:
Resume Voltage Levels
Figure 32:
Linear Charger States
Charging States: This figure describes the characteristics of the charging current and the battery voltage for each
different charging state.
ChVoltResume
ChVoltEOC
3.82V
3.84V
…
4.20V
…
4.42V
4.44V
3.33%
127mV
128mV
…
140mV
…
147mV
148mV
5.56%
212mV
213mV
…
233mV
…
246mV
247mV
External Charger
at pin VUSB
5.5V max
VCHDET
Battery Voltage
(VBAT)
Charging
Current
Regulator
Voltages
XRES
after enabling the charger
I2C communication possible
t (not to scale)
11mA – 130mA
44mA – 493mA
2.9V
3.3% or
5.6% of
VEOC
Trickle Current
Constant Current Constant Voltage
EOC
Resume
ICHGOFF
3.82V – 4.44V
5% of CC –
50% of CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com