Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 48 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 48 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 44Page - ams-OSRAM AG AS3701 Datasheet HTML 45Page - ams-OSRAM AG AS3701 Datasheet HTML 46Page - ams-OSRAM AG AS3701 Datasheet HTML 47Page - ams-OSRAM AG AS3701 Datasheet HTML 48Page - ams-OSRAM AG AS3701 Datasheet HTML 49Page - ams-OSRAM AG AS3701 Datasheet HTML 50Page - ams-OSRAM AG AS3701 Datasheet HTML 51Page - ams-OSRAM AG AS3701 Datasheet HTML 52Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 110 page
background image
ams Datasheet
Page 47
[v1-11] 2016-Dec-14
Document Feedback
AS3701 − Detailed Description – System Functions
Figure 55:
GPIO Pin Characteristics
GPIO Pins: Shows the key electrical parameter of the GPIO pins. VSUP = 2.7 to 5.5V; unless otherwise mentioned
IO Functions
Normal IO Operation
If set to input, the logic level of the signal present at the GPIOx
pin can be read from gpioX_in [GPIOsignal_in]. This mode is also
used for the ON/OFF control of the DCDC and LDOs. The
selection, which regulator is controlled by which GPIO, is done
with the gpio_ctrl_sdX [GPIO_ctrl2] or gpio_ctrl_ldoX [GPIO_
ctrl2] bits.
The gpioX_mode [GPIOxcontrol] should be set to input.
The gpioX_iosf [GPIOxcontrol] should be set to gpioX_in.
If the output mode is chosen, gpioX_out [GPIOsignal_out]
specifies the logic level of the GPIOx pin.
The gpioX_mode [GPIOxcontrol] should be set to output.
The gpioX_iosf [GPIOxcontrol] should be set to gpioX_out.
For GPIO1 and GPIO2, the logic level of the output signal can
be visualized via the Current sinks. In this case the gpioX_mode
[GPIOxcontrol] should be set to CURRx.
Symbol
Parameter
Note
Min
Typ
Max
Unit
VGPIO_max
Max voltage on GPIOx
pins
Pin VSUP is used as
supply for the GPIO pins
VSUP + 0.3
V
VOL
Low level output voltage
IOL=+1mA
digital output
+0.4
V
VOH
High level output
voltage
IOH=–1mA; digital
push-pull output
0.8*VSUP
V
VIL
Low level input voltage
digital input
20% of
VSUP
V
VIH
High level input voltage
digital input
60% of
VSUP
V
ILEAKAGE
Leakage current
high impedance
1
μA
Rpull-up
Pull-up resistance
if enabled;
VSUP = 3.7V
300
kΩ
Rpull-down
Pull-down resistance
if enabled;
VSUP = 3.7V
300
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com