Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 60 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 60 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 56Page - ams-OSRAM AG AS3701 Datasheet HTML 57Page - ams-OSRAM AG AS3701 Datasheet HTML 58Page - ams-OSRAM AG AS3701 Datasheet HTML 59Page - ams-OSRAM AG AS3701 Datasheet HTML 60Page - ams-OSRAM AG AS3701 Datasheet HTML 61Page - ams-OSRAM AG AS3701 Datasheet HTML 62Page - ams-OSRAM AG AS3701 Datasheet HTML 63Page - ams-OSRAM AG AS3701 Datasheet HTML 64Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 110 page
background image
ams Datasheet
Page 59
[v1-11] 2016-Dec-14
Document Feedback
AS3701 − Register Description
80h
ChargerControl
cc_range_
select
AutoResume
bat_
charging_
enable
usb_chgEn
usb_current<3:0>
81h
ChargerVoltageC
ontrol
Vsup_min<7:6>
-
ChVoltEOC<4:0>
82h
ChargerCurrentCo
ntrol
TrickleCurrent<7:4>
ContantCurrent<3:0>
83h
ChargerConfig1
Charging_
1Hz_clk
ChVoltResum
e
temp_sel<5:4>
vsup_voltage<3:1>
-
84h
ChargerConfig2
eoc_current<7:5>
charging_
tmax
ch_timeout<3:0>
85h
Chargersupervisio
n
ntc_high_on
ntc_low_on
ntc_10k
ntc_mode
NTC_input<3:2>
ntc_beta<1:0>
86h
ChargerStatus1
NoBat
temp_cond<6:5>
EOC
CVM
Trickle
Resume
CCM
87h
ChargerStatus2
-
chdet_off
ChDet
batsw_mode<1:0>
8eh
LockRegister
- 
-
-
charger_lock
reg_lock<1:0>
90h
ASIC_ID1
ID1<7:0>
91h
ASIC_ID2
 -
revision<3:0>
a5h
Fuse5
del_time
sequ_on
 
  
 
  
a6h
Fuse6
 
on_tast_sw
onkey_
lpress_reset
on_invert
  
 
Addr
Name
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com