Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 30 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 30 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 26Page - ams-OSRAM AG AS3701 Datasheet HTML 27Page - ams-OSRAM AG AS3701 Datasheet HTML 28Page - ams-OSRAM AG AS3701 Datasheet HTML 29Page - ams-OSRAM AG AS3701 Datasheet HTML 30Page - ams-OSRAM AG AS3701 Datasheet HTML 31Page - ams-OSRAM AG AS3701 Datasheet HTML 32Page - ams-OSRAM AG AS3701 Datasheet HTML 33Page - ams-OSRAM AG AS3701 Datasheet HTML 34Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 110 page
background image
ams Datasheet
Page 29
[v1-11] 2016-Dec-14
Document Feedback
AS3701 − Detailed Description – Power Management Functions
NTC ß-Correction
To keep the voltage drop over the whole temperature range
inside of the comparator threshold voltage range, a 15k (150k)
parallel resistor to the 10k (100k) NTC is needed. With the bit
ntc_beta [ChargerSupervision] 4 different
ß-values depending
on the used NTC resistor can be selected.
Figure 34:
NTC
ß Influence Over Temperature
NTC ß Influence Diagram: Shows the voltage drop over the NTC resistor depending on the temperature for 4
different ß values using RNTC=10kΩ, Rp=15kΩ and INTC=150μA.
Figure 35:
NTC Threshold Voltages
NTC Supervision: Comparator threshold voltages for different temperatures and ß using RNTC=10kΩ, Rp=15kΩ
and INTC=150μA.
Temperature
ß
Unit
3000
3500
4000
4500
Low temperature
0°C
1.41
1.49
1.56
1.63
V
High temperature
45°C
0.59
0.54
0.50
0.46
V
60°C
0.42
0.37
0.31
0.27
V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
10203040
50
60
NTC_Temperature (°C)
ß = 3000
ß = 3500
ß = 4000
ß = 4500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com