Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 72 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 72 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 68Page - ams-OSRAM AG AS3701 Datasheet HTML 69Page - ams-OSRAM AG AS3701 Datasheet HTML 70Page - ams-OSRAM AG AS3701 Datasheet HTML 71Page - ams-OSRAM AG AS3701 Datasheet HTML 72Page - ams-OSRAM AG AS3701 Datasheet HTML 73Page - ams-OSRAM AG AS3701 Datasheet HTML 74Page - ams-OSRAM AG AS3701 Datasheet HTML 75Page - ams-OSRAM AG AS3701 Datasheet HTML 76Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 110 page
background image
ams Datasheet
Page 71
[v1-11] 2016-Dec-14
Document Feedback
AS3701 − Register Description
Figure 82:
SD_control1
Addr:30h
SD_control1
Bit
Bit Name
Default
Access
Bit Description
7
sd1_enable
b1
RW
Global stepdown SD1 enable
0 : SD1 disabled
1 : SD1 enabled
6
sd1_low_
noise
b0
RW
Enables low noise mode of SD1. If enabled smaller
current pulses and output ripple is activated
0 : Normal mode. Minimum current pulses of >100mA
applied in skip mode
1 : Low noise mode. Only minimum on time applied in
skip mode
5sd1_fast
b0
RW_SM
Selects a faster regulation mode for SD1 suitable
for larger load changes.
0 : Normal mode, Cext=10
μF
1 : Fast mode, Cext=22
μF required
4sd1_fsel
b0
RW_SM
Selects between high and low frequency range
0 : 1 MHz if sd1_frequ=0, 3MHz if sd1_frequ=1
1 : 2 MHz if sd1_frequ=0, 4MHz if sd1_frequ=1
1
dvm_enable
b0
RW
Enabling of Dynamic Voltage Management
If voltage of SD1 is changed during operation (sd1_vsel)
voltage is de/increased by single steps
0 : DVM disabled
1 : DVM enabled
0
dvm_time
b0
RW
Time steps of DVM voltage change of SD1
0 : 8
μsec time delay between steps
1 : 16
μsec time delay between steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com