Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 20 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 20 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 16Page - ams-OSRAM AG AS3701 Datasheet HTML 17Page - ams-OSRAM AG AS3701 Datasheet HTML 18Page - ams-OSRAM AG AS3701 Datasheet HTML 19Page - ams-OSRAM AG AS3701 Datasheet HTML 20Page - ams-OSRAM AG AS3701 Datasheet HTML 21Page - ams-OSRAM AG AS3701 Datasheet HTML 22Page - ams-OSRAM AG AS3701 Datasheet HTML 23Page - ams-OSRAM AG AS3701 Datasheet HTML 24Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 110 page
background image
ams Datasheet
Page 19
[v1-11] 2016-Dec-14
Document Feedback
AS3701 − Detailed Description – Power Management Functions
Universal IO LDO Regulator
This LDO is a low-power and low-quiescent current
linear-regulator specifically designed for space-limited
applications. This device can supply loads up to 200mA and
consist of an error amplifier, and a P-channel MOSFET pass
transistor.
Figure 22:
Universal IO LDO Regulator Block Diagram
Parameters
Figure 23:
Universal IO LDO Regulator Electrical Characteristics
Symbol
Parameter
Note
Min
Typ
Max
Unit
VIN
Input voltage
Pin VSUP
2.7
5.5
V
ΔVOUT
Output voltage
accuracy
IOUT = 1mA, VOUT > 2V TAMB =
25°C
Guaranteed by design
-2.5
+2.5
%
IOUT = 100μA to 200mA
VOUT > 2V
-3
+3
IOUT = 1mA, VOUT ≤ 2V
TAMB = 25°C
Guaranteed by design
-20
+20
mV
IOUT = 100μA to 200mA
VOUT ≤ 2V
-50
+50
-
VSUP
LDOx
Error
Amplifier
Vref
2.2uF
2.2uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com