Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 91 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 91 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 87Page - ams-OSRAM AG AS3701 Datasheet HTML 88Page - ams-OSRAM AG AS3701 Datasheet HTML 89Page - ams-OSRAM AG AS3701 Datasheet HTML 90Page - ams-OSRAM AG AS3701 Datasheet HTML 91Page - ams-OSRAM AG AS3701 Datasheet HTML 92Page - ams-OSRAM AG AS3701 Datasheet HTML 93Page - ams-OSRAM AG AS3701 Datasheet HTML 94Page - ams-OSRAM AG AS3701 Datasheet HTML 95Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 110 page
background image
Page 90
ams Datasheet
Document Feedback
[v1-11] 2016-Dec-14
AS3701 − Register Description
Figure 111:
Fuse7
Addr:a7h
Fuse7
Bit
Bit Name
Default
Access
Bit Description
7auto_off
b0
RW
Defines startup behavior at first battery insertion
0 : Startup of chip if VBAT>ResVoltRise
1 : Enter power OFF mode (Startup with ON key or
charger insertion)
6
chg_pwr_off_
en
b0
RW
Enable power OFF mode, if charger is detected
0 : Exit of Power OFF mode, if charger is detected (level)
1 : Exit of Power OFF mode, if charger insertion is
detected (rising edge only)
5:4
res_timer
b00
RW
Set RESTime, after the last regulator has started
0 : RESTIME=10ms
1 : RESTIME=50ms
2 : RESTIME=100ms
3 : RESTIME=150ms
3sd1_fsel
b0
RW
Selects between high and low frequency range
0 : 1 MHz if sd1_frequ=0, 3MHz if sd1_frequ=1
1 : 2 MHz if sd1_frequ=0, 4MHz if sd1_frequ=1
2
sd1_fast
b0
RW
Selects a faster regulation mode for SD1 suitable
for larger load changes.
0 : Normal mode, Cext=10
μF
1 : Fast mode, Cext=22
μF required
1
power_off_at_
vsuplow
b0
RW
Switch into Power off mode if low VSUP is detected
during active or standby mode
(Pin ON = low and bit auto_off = 0)
0 : If low VSUP(ResVoltFall) is detected, enter VSUP
Debounce state, continuously monitor VSUP voltage and
startup if VSUP voltage is above ResVoltRise
1 : If low VSUP(ResVoltFall) is detected, enter power OFF
mode
0
i2c_deva_bit1
b0
RW
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com