Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 42 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 42 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 38Page - ams-OSRAM AG AS3701 Datasheet HTML 39Page - ams-OSRAM AG AS3701 Datasheet HTML 40Page - ams-OSRAM AG AS3701 Datasheet HTML 41Page - ams-OSRAM AG AS3701 Datasheet HTML 42Page - ams-OSRAM AG AS3701 Datasheet HTML 43Page - ams-OSRAM AG AS3701 Datasheet HTML 44Page - ams-OSRAM AG AS3701 Datasheet HTML 45Page - ams-OSRAM AG AS3701 Datasheet HTML 46Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 110 page
background image
ams Datasheet
Page 41
[v1-11] 2016-Dec-14
Document Feedback
AS3701 − Detailed Description – System Functions
Figure 50:
Reset Levels
Note(s):
1. The selection of the range and level is done via OTP. It´s recommended to set the ResVoltRise level 200mV above the ResVoltFall
level to have a hysteresis
2. 2.7V is the default value, other levels can be set via SW
3. XRES signal is debounced with the specific mask time for rising- and falling slope of VBAT
Stand-By
Stand-by allows shutting down all rails or just a selected
number and can be achieved by one of the following cases:
Enter Via GPIO
To enter the Stand-by mode via GPIO command, the following
settings have to be done:
• Enable just these interrupt sources which should lead to
leave the stand-by mode
• Make sure that the specified interrupt is inactive (clear the
Register [InterruptStatus] by register reading)
• Set the gpioX_mode [GPIOxcontrol] to input and the
gpioX_iosf [GPIOxcontrol] should be set to Stand-by +
vselect input (gpioX_iosf = 6)
• Set RegX_select [Reg_Control] and RegX_voltage [RegX_
Voltage] if another voltage is needed during stand-by for
up to 2 regulators
• Define which regulators should be kept powered during
Stand-by mode (sdX_stby_on and ldoX_stby_on [Reg_
standby_mod1])
• Set the off_delay [Startup_Control] for going into stand-by
after the GPIO command
• Activate the selected GPIO
Symbol
Parameter
Note
Min
Typ
Max
Unit
VPOR
Overall power on reset
Monitor on VSUPpower ON
reset for
all internal functions
1.5
2.0
2.3
V
VXRES_rise
RESET level for VSUP rising
Monitor voltage on VSUP
rising level
ResVolt
Rise(1)
V
VXRES_fall
RESET Level for VSUP falling
Monitor voltage on
VSUP falling level
2.7
V
if SupResEn = 1 only
ResVolt
Fall(2)
V
VXRES_mask
Mask time for VXRES_fall
Duration for
VBAT < ResVoltFall
until a reset cycle is started (3)
FastResEn = 0
3
ms
FastResEn = 1
64
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com