Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 77 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 77 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 73Page - ams-OSRAM AG AS3701 Datasheet HTML 74Page - ams-OSRAM AG AS3701 Datasheet HTML 75Page - ams-OSRAM AG AS3701 Datasheet HTML 76Page - ams-OSRAM AG AS3701 Datasheet HTML 77Page - ams-OSRAM AG AS3701 Datasheet HTML 78Page - ams-OSRAM AG AS3701 Datasheet HTML 79Page - ams-OSRAM AG AS3701 Datasheet HTML 80Page - ams-OSRAM AG AS3701 Datasheet HTML 81Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 110 page
background image
Page 76
ams Datasheet
Document Feedback
[v1-11] 2016-Dec-14
AS3701 − Register Description
Figure 87:
OvertemperatureControl
Figure 88:
Reg_standby_mod1
Addr:37h
OvertemperatureControl
Bit
Bit Name
Default
Access
Bit Description
7
tco_140_a
b0
RO
Only used for production test
6
tco_110_a
b0
RO
Only used for production test
5:4
temp_test
b00
RW
 
3
rst_ov_temp_140
b0
RW
If the overtemperature threshold 2 has been reached,
the flag ov_temp_140 is set and a reset cycle is started.
ov_temp_140 should be reset by writing 1 and
afterwards 0 to rst_ov_temp_140
2
ov_temp_140
b0
RO
Flag that the overtemperature threshold 2 (T140) has
been reached - this flag is not reset by a
overtemperature caused reset and has to be reset by
rst_ov_temp_140
1
ov_temp_110
b0
RO
Flag that the overtemperature threshold 1 (T110) has
been reached
0
temp_pmc_on
b1
RW
Switch ON/OFF of temperature supervision;
default: ON - all other bits are only valid if set to 1
Leave at 1, do not disable
Addr:39h
Reg_standby_mod1
Bit
Bit Name
Default
Access
Bit Description
3
disable_regpd
b0
RW
This bit disables the pulldown of all regulators
0 : Normal operation approx. 1kohm pulldown of all
regulators
1 : Pulldown disabled >100kohm of all regulators
2
sd1_stby_on
b0
RW
Enable Step down 1 in standby mode
1
ldo2_stby_on
b0
RW
Enable LDO2 in standby mode
0
ldo1_stby_on
b0
RW
Enable LDO1 in standby mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com