Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 25 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 25 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 21Page - ams-OSRAM AG AS3701 Datasheet HTML 22Page - ams-OSRAM AG AS3701 Datasheet HTML 23Page - ams-OSRAM AG AS3701 Datasheet HTML 24Page - ams-OSRAM AG AS3701 Datasheet HTML 25Page - ams-OSRAM AG AS3701 Datasheet HTML 26Page - ams-OSRAM AG AS3701 Datasheet HTML 27Page - ams-OSRAM AG AS3701 Datasheet HTML 28Page - ams-OSRAM AG AS3701 Datasheet HTML 29Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 110 page
background image
Page 24
ams Datasheet
Document Feedback
[v1-11] 2016-Dec-14
AS3701 − Detailed Description – Power Management Functions
Figure 30:
Linear Charger Modes
Charging Modes: This figure describes the 4 different charger modes.
Power Path &
Current Limiter
Linear
Charger
USB
VSUP
VBAT
VSUP
1uF
USB input
Power Path &
Current Limiter
Linear
Charger
USB
VSUP
VBAT
VSUP
1uF
USB input
Power Path &
Current Limiter
Linear
Charger
USB
VSUP
VBAT
VSUP
1uF
USB input
Power Path &
Current Limiter
Linear
Charger
USB
VSUP
VBAT
VSUP
1uF
USB input
Battery
System
Battery
System
Battery
System
Battery
System
No charger is connected, all the
power comes out of the battery.
Charging is active. All the power comes from the USB
through the current limiter. If the system current exceeds the
choosen USB current limit, the charging current get reduced
automatically.
ISYS
ICHG
300mA
IBAT
IBAT
200mA
When battery is fully charged, the
switch opens to disconnect the
battery. All the power comes from
the USB.
Charging is disabled. If the system
current exceeds the choosen USB
current limit, the additional needed
current will be provided the battery.
IUSB
> 500mA
ISYS
200mA
ISYS
700mA
ISYS
200mA
IUSB
> 500mA
IUSB
> 500mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com