Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 41 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 41 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 37Page - ams-OSRAM AG AS3701 Datasheet HTML 38Page - ams-OSRAM AG AS3701 Datasheet HTML 39Page - ams-OSRAM AG AS3701 Datasheet HTML 40Page - ams-OSRAM AG AS3701 Datasheet HTML 41Page - ams-OSRAM AG AS3701 Datasheet HTML 42Page - ams-OSRAM AG AS3701 Datasheet HTML 43Page - ams-OSRAM AG AS3701 Datasheet HTML 44Page - ams-OSRAM AG AS3701 Datasheet HTML 45Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 110 page
background image
Page 40
ams Datasheet
Document Feedback
[v1-11] 2016-Dec-14
AS3701 − Detailed Description – System Functions
Long ON-Key Press
For a reset initiated with a long ON-key press, this feature must
be enabled by setting the bit onkey_lpress_en [ResetControl] to
“1”. When applying a high level on the ON input pin for 4s/8s
(depending on on_lpress_delay [ReferenceControl]) a reset gets
initiated, if the bit onkey_lpress_reset [ReferenceControl] is set
to “1”. This is thought as a safety feature when the SW hangs up.
A long ON key reset is just possible, if the ON key works as a
push-button (on_tast_sw [ReferenceControl] is set to “0”)
Figure 48:
ON-Key Long Press RESET Behavior
Overtemperature Reset
A reset cycle is getting started, if the overtemperature
threshold is reached and the bit ov_temp_140
[OvertemperatureControl] is set.
Parameter
Figure 49:
XRES Input Characteristics
onkey_
lpress_en
onkey_
lpress_reset
on_
lpress_
delay
on_tast_sw
Long Press Behavior
0
X
X
X
No ON-key long press reset possible
11
0
0
8s long press on the ON-push-button
forces a reset
11
1
0
4s long press on the ON-push- button
forces a reset
11
X
1
No reset possible, if ON-key works as a
switch
Symbol
Parameter
Note
Min
Typ
Max
Unit
VXRES_IL
RESET low level voltage
0.4
V
VXRES_IH
RESET high level voltage
1.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com