Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 75 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 75 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 71Page - ams-OSRAM AG AS3701 Datasheet HTML 72Page - ams-OSRAM AG AS3701 Datasheet HTML 73Page - ams-OSRAM AG AS3701 Datasheet HTML 74Page - ams-OSRAM AG AS3701 Datasheet HTML 75Page - ams-OSRAM AG AS3701 Datasheet HTML 76Page - ams-OSRAM AG AS3701 Datasheet HTML 77Page - ams-OSRAM AG AS3701 Datasheet HTML 78Page - ams-OSRAM AG AS3701 Datasheet HTML 79Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 110 page
background image
Page 74
ams Datasheet
Document Feedback
[v1-11] 2016-Dec-14
AS3701 − Register Description
Figure 85:
ReferenceControl
Addr:35h
ReferenceControl
Bit
Bit Name
Default
Access
Bit Description
7
on_lpress_
delay
b0
RW_SM
Sets the ON reset delay time
0 : 8s (if onkey_lpress_en=1)
1 : 4s (if onkey_lpress_en=1)
6
on_tast_sw
b0
RO
Selects mode of ON input
0 : ON key works as push-button
1 : ON key works as switch
5
onkey_lpress_
reset
b0
RW_SM
Selects behavior for ONKEY longpress
0 : Long onkey press forces change to power_off mode
(if on_tast_sw=0 and onkey_lpress_en=1)
1 : Long onkey press forces a reset
(if on_tast_sw=0 and onkey_lpress_en=1)
4
standby_
mode_on
b0
RW_SM
Setting to 1 sets the PMU into standby mode.
All regulators are disabled except those regulators
enabled by Reg_standby_mod.
XRES will be pulled to low. A normal startup of all
regulators will be done with any interrupt
(has to be enabled before entering standby mode).
3:2
clk_int
b00
R_PUSH
Sets the internal CLK frequency fCLK used for DCDCs,
PWM, ...
0 : 4 MHz (default)
1 : 3.8 MHz
2 : 3.6 MHz
3 : 3.4 MHz
All frequencies, timings and delays in this datasheet are
based on 4MHz clk_int
1:0
pwm_div
b00
RW
This bit defines the divider ratio of the prescaler for the
PWM generator
0 : Divide by 1
1 : Divide by 2
2 : Divide by 4
3 : Divide by 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com