Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 21 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 21 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 17Page - ams-OSRAM AG AS3701 Datasheet HTML 18Page - ams-OSRAM AG AS3701 Datasheet HTML 19Page - ams-OSRAM AG AS3701 Datasheet HTML 20Page - ams-OSRAM AG AS3701 Datasheet HTML 21Page - ams-OSRAM AG AS3701 Datasheet HTML 22Page - ams-OSRAM AG AS3701 Datasheet HTML 23Page - ams-OSRAM AG AS3701 Datasheet HTML 24Page - ams-OSRAM AG AS3701 Datasheet HTML 25Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 110 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-11] 2016-Dec-14
AS3701 − Detailed Description – Power Management Functions
Figure 24:
Universal IO LDO Regulator External Components
VOUT
Output voltage range
1.2
3.3
V
VLNR
Line regulation static
VIN = 2.7V to 5.5V
IOUT = 1mA
0.07
%/V
Line regulation
dynamic
VIN = 2.7V to 5.5V within 15μs
IOUT = 1mA
20
mV
VLDR
Load regulation static
IOUT = 100μA to 200mA
0.014
%/mA
Load regulation
dynamic
IOUT = 100μA to 200mA within
15
μs
30
mV
RON
ON resistance
0.5
1
Ω
IOUT
Guaranteed load
current
RMS
200
mA
ILIMIT
Short-circuit
VOUT = 0V
230
mA
IQ
Quiescent current
No Load
5
μA
IOUT = 100μA
5
IOUT = 200mA
15
IOFF
Shutdown supply
current
LDO disabled
0.1
1
μA
eN
Output noise
BW = 10Hz to 100Hz;
VOUT = 1.2V; IOUT = 1mA;
COUT = 2.2μF
112
μVrms
BW = 10Hz to 100Hz;
VOUT = 3.3V; IOUT = 1mA;
COUT = 2.2μF
205
tSTART
Startup time
750
μs
tSHUTDOWN
Shutdown time
500
μs
Symbol
Parameter
Note
Min
Typ
Max
Unit
CLDOx
Output capacitor
Ceramic X5R or X7R
2.2
4.7
μF
Symbol
Parameter
Note
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com