Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 97 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 97 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 93Page - ams-OSRAM AG AS3701 Datasheet HTML 94Page - ams-OSRAM AG AS3701 Datasheet HTML 95Page - ams-OSRAM AG AS3701 Datasheet HTML 96Page - ams-OSRAM AG AS3701 Datasheet HTML 97Page - ams-OSRAM AG AS3701 Datasheet HTML 98Page - ams-OSRAM AG AS3701 Datasheet HTML 99Page - ams-OSRAM AG AS3701 Datasheet HTML 100Page - ams-OSRAM AG AS3701 Datasheet HTML 101Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 110 page
background image
Page 96
ams Datasheet
Document Feedback
[v1-11] 2016-Dec-14
AS3701 − Application Information
Figure 120:
Application Schematic
Application Information
VSUP_CHG
A1
VUSB
A2
LDO2
A3
LDO1
A4
GND
A5
VBAT
B1
FB_SD1
B2
XIRQ_NTC
B3
GPIO3_NTC
B4
GPIO2_CURR2
B5
VSS_SD1
C1
GPIO4_NTC
C2
GPIO5
C3
SDA
C4
GPIO1_CURR1
C5
LX_SD1
D1
VSUP_SD1
D2
ON
D3
XRES
D4
SCL
D5
AS3701
μPMIC
SDA
SCL
VUSB VSUP VBAT
2.2μF
2.2μF
2.2μF
10μF
GND
GND
GND
GND
GND
1μH
VSUP
GPIO1
GPIO2
GPIO3
GPIO4
GPIO5
10M
XRES
XIRQ_NTC
VSUP
VSUP
ON
GND
FB
LX
LDO1
LDO2
SD1
XIRQ_NTC
SDA
SCL
ON
XRES
10μF
10μF
GPIO1
GPIO2
GPIO3
GPIO4
GPIO5
1M0
GND
GND
GND
10μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com