Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 35 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 35 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 31Page - ams-OSRAM AG AS3701 Datasheet HTML 32Page - ams-OSRAM AG AS3701 Datasheet HTML 33Page - ams-OSRAM AG AS3701 Datasheet HTML 34Page - ams-OSRAM AG AS3701 Datasheet HTML 35Page - ams-OSRAM AG AS3701 Datasheet HTML 36Page - ams-OSRAM AG AS3701 Datasheet HTML 37Page - ams-OSRAM AG AS3701 Datasheet HTML 38Page - ams-OSRAM AG AS3701 Datasheet HTML 39Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 110 page
background image
Page 34
ams Datasheet
Document Feedback
[v1-11] 2016-Dec-14
AS3701 − Detailed Description – System Functions
Start-Up
Normal Start-Up
The following gives a brief description on a start-up from
scratch (battery or charger insertion). More details can be found
in the start-up flow chart.
A start-up can be activated from 5 different sources:
• Battery insertion from scratch
• Charger insertion from scratch (VBAT < ResVoltFall)
• ON-key has been pulled high in power_off mode
• Reset cycle
• ResVoltRise level was reached
During a normal reset cycle a normal startup happens:
• Setting USB current limit and ResVoltRise
• Startup State machine reads out the internal Boot-OTP.
The start-up sequence of SD Converter, LDOs and GPIOs
are controlled by the Boot-OTP
• Reset-Timer is set by the Boot-OTP
• The reset is released when the Reset Timer expires
(external pin XRES)
Parameter
Figure 40:
Start-Up Condition
Note(s):
1. The internal pull-down resistor is just active if the bit on_invert is set to "0" (active high configuration). If the ON-key works active
low (on_invert = 1) the internal pull-down resistor is deactivated and an external pull-up resistor is needed in push-button
configuration!
Symbol
Parameter
Note
Min
Typ
Max
Unit
VON_IL
Low level voltage
ON pin
20% of
VSUP
V
VON_IH
High level voltage
ON pin
60% of
VSUP
V
ION_PD
(1)
Pull down current
Bit on_invert = 0 (active
high)
412
μA
Detailed Description –
System Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com