Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 32 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 32 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 28Page - ams-OSRAM AG AS3701 Datasheet HTML 29Page - ams-OSRAM AG AS3701 Datasheet HTML 30Page - ams-OSRAM AG AS3701 Datasheet HTML 31Page - ams-OSRAM AG AS3701 Datasheet HTML 32Page - ams-OSRAM AG AS3701 Datasheet HTML 33Page - ams-OSRAM AG AS3701 Datasheet HTML 34Page - ams-OSRAM AG AS3701 Datasheet HTML 35Page - ams-OSRAM AG AS3701 Datasheet HTML 36Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 110 page
background image
ams Datasheet
Page 31
[v1-11] 2016-Dec-14
Document Feedback
AS3701 − Detailed Description – Power Management Functions
Parameters
Figure 37:
Linear Charger Electrical Characteristics
Symbol
Parameter
Note
Min
Typ
Max
Unit
ITRICKLE
Trickle current
11 steps
programmable
11..
130
mA
VTRICKLE
Trickle to constant current
threshold
VBAT rising
2.9
V
ICHG
Constant current
cc_range_select = 0
44..
493
mA
cc_range_select = 1
11..
130
mA
@ 70mA
-8%
70
+8%
mA
VEOC
Charge termination
threshold
Programmable in 20mV
steps
3.82..
4.44
V
end of charge is true
4.15
4.2
4.25
V
IEOC
EOC current level
referring to ICHG
(VSUP > 3V)
5..
50
%
IUSB_limit
VUSB input current limit
@470mA
420
470
500
mA
VSUP_prereg
Voltage supplied from
Preregulator
Depending on the bit
vsup_voltage
4.4..
5.5
V
VRESUME
Resume Voltage limit to
start charger
VBAT falling threshold
referring to VEOC
(depending on bit
ChVoltResume)
3.3
5.6
%
VSUPMIN
VSUP level for charging
current reduction, to avoid
voltage drop on VSUP
Trickle or constant
current will be regulated
down, if VSUP drops
below this threshold
-6%
3.9
+3%
V
4.2
4.5
4.7
VCHDET
Charger detection
hysteresis
VUSB - VBAT
Hysteresis is > 40mV
50
75
105
mV
VCHMIN
020
35
mV
IREV_OFF
Reverse current shut down
VSUP = 5V, VUSB open
<1
uA
RON_BATSW
Battery switch
ON-resistance
0.4
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com