Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 70 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 70 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 66Page - ams-OSRAM AG AS3701 Datasheet HTML 67Page - ams-OSRAM AG AS3701 Datasheet HTML 68Page - ams-OSRAM AG AS3701 Datasheet HTML 69Page - ams-OSRAM AG AS3701 Datasheet HTML 70Page - ams-OSRAM AG AS3701 Datasheet HTML 71Page - ams-OSRAM AG AS3701 Datasheet HTML 72Page - ams-OSRAM AG AS3701 Datasheet HTML 73Page - ams-OSRAM AG AS3701 Datasheet HTML 74Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 110 page
background image
ams Datasheet
Page 69
[v1-11] 2016-Dec-14
Document Feedback
AS3701 − Register Description
Figure 77:
Reg1_Voltage
Figure 78:
Reg2_Voltage
Figure 79:
Reg_Control
Addr:22h
Reg1_Voltage
Bit
Bit Name
Default
Access
Bit Description
6:0
Reg1_voltage
b0000000
RW
This register is mapped to the register address 0h+Reg1_
select ,
if gioX_iosf=5 or 6 (Vselect input), and input = 1.
This feature allows voltage switching of a predefined
regulator with just one GPIO input
0 ..7Fh: Selects voltage and ilimit of LDO or DCDC
Addr:23h
Reg2_Voltage
Bit
Bit Name
Default
Access
Bit Description
6:0
Reg2_voltage
b0000000
RW
This register is mapped to the register address 0h+Reg1_
select ,
if gioX_iosf=5 or 6 (Vselect input), and input = 1.
This feature allows voltage switching of a predefined
regulator with just one GPIO input
0 ..7Fh: Selects voltage and ilimit of LDO or DCDC
Addr:24h
Reg_Control
Bit
Bit Name
Default
Access
Bit Description
5:4
Reg2_select
b0000
RW
Select regulator for mapping of Reg2_voltage;
0 : NA
1 : Select 01h SD1Voltage
2 : Select 02h LDO1Voltage
3 : Select 03h LDO2Voltage
1:0
Reg1_select
b0000
RW
Select regulator for mapping of Reg1_voltage;
0 : NA
1 : Select 01h SD1Voltage
2 : Select 02h LDO1Voltage
3 : Select 03h LDO2Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com