Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 68 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 68 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 64Page - ams-OSRAM AG AS3701 Datasheet HTML 65Page - ams-OSRAM AG AS3701 Datasheet HTML 66Page - ams-OSRAM AG AS3701 Datasheet HTML 67Page - ams-OSRAM AG AS3701 Datasheet HTML 68Page - ams-OSRAM AG AS3701 Datasheet HTML 69Page - ams-OSRAM AG AS3701 Datasheet HTML 70Page - ams-OSRAM AG AS3701 Datasheet HTML 71Page - ams-OSRAM AG AS3701 Datasheet HTML 72Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 110 page
background image
ams Datasheet
Page 67
[v1-11] 2016-Dec-14
Document Feedback
AS3701 − Register Description
Figure 74:
GPIO5control
Addr:0dh
GPIO5control
Bit
Bit Name
Default
Access
Bit Description
7
gpio5_invert
b0
RW
Invert GPIO5 input/output
0 : Normal Mode
1 : Invert input or output
6:4
gpio5_mode
b011
RW
Selects the GPIO5 mode (I, I/O, Tri, Pulls)
0 : Input
1 : Output (push and pull)
2 : IO(open drain, only NMOS is active)
3 : Input (tristate)
4 : Input with pullup
5 : Input with pulldown
6 : IO(open drain(NMOS)with pullup)
7 : NA
3:0
gpio5_iosf
b0000
RW
Selects the GPIO5 special function
0 : Normal I/O operation
1 : Interrupt output
2 : VSUP_low output
3 : GPIO interrupt input
4 : Current sink PWM input
5 : Vselect input, (apply on reg1_select and reg2_select)
6 : standby+Vselect+restart interrupt input
7 : pwr_good output
8 : 11mA(TrickleCurrent=0), 133mA(ConstantCurrent=2) /
23mA(TrickleCurrent=1), 223mA(ConstantCurrent=4)
9 : 35mA(TrickleCurrent=2), 358mA(ConstantCurrent=7) /
47mA(TrickleCurrent=3), 494mA(ConstantCurrent=10)
10 : Charger active output
11 : EOC output
12 : 100mA(usb_Current=0) / 500mA(usb_Current=8)
13 : 800mA(usb_Current=11) / 1100mA(usb_Current=13)
14 : PWM output
15 : Charger enable input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com