Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 52 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 52 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 48Page - ams-OSRAM AG AS3701 Datasheet HTML 49Page - ams-OSRAM AG AS3701 Datasheet HTML 50Page - ams-OSRAM AG AS3701 Datasheet HTML 51Page - ams-OSRAM AG AS3701 Datasheet HTML 52Page - ams-OSRAM AG AS3701 Datasheet HTML 53Page - ams-OSRAM AG AS3701 Datasheet HTML 54Page - ams-OSRAM AG AS3701 Datasheet HTML 55Page - ams-OSRAM AG AS3701 Datasheet HTML 56Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 110 page
background image
ams Datasheet
Page 51
[v1-11] 2016-Dec-14
Document Feedback
AS3701 − Detailed Description – System Functions
Figure 57:
Stand-By and Vselect Modes
IO Functions: Shows the different Vselect and stand-by control modes, depending on the setting of the GPIO
special function 6.
Note(s):
1. AS3701B only
Charger Current Range 1
With this function the charging current (trickle current and
constant current) can be set to 11mA(trickle) +
133mA(constant) or 22mA(trickle) + 223mA(constant).
The gpioX_mode [GPIOxcontrol] should be set to input.
The gpioX_iosf [GPIOxcontrol] should be set to Charger Current
Range1.
Charger Current Range 2
With this function the charging current (trickle current and
constant current) can be set to 33mA(trickle) +
357mA(constant) or 45mA(trickle) + 493mA(constant).
The gpioX_mode [GPIOxcontrol] should be set to input.
The gpioX_iosf [GPIOxcontrol] should be set to Charger Current
Range2.
100/500mA Charger Input
With this function the charger input current limiter can be set
to 100mA or 500mA.
The gpioX_mode [GPIOxcontrol] should be set to input.
The gpioX_iosf [GPIOxcontrol] should be set to 100/500mA USB
current limit.
gpio1
_iosf
gpio2
_iosf
gpio3
_iosf
gpio4
_iosf
gpio5
_iosf
Vselect Mode
Stand-By
Control
≠6
≠6
≠6
≠6
≠6
No voltage select by GPIO for regulator
No
6
≠6≠6
≠6≠6
GPIO1 controls regulator selected by
reg1_select and reg2_select
Yes
≠6
6
≠6
≠6
≠6
GPIO2 controls regulator selected by
reg1_select and reg2_select
Yes
≠6
≠6
6
≠6
≠6
GPIO3 controls regulator selected by
reg1_select and reg2_select (1)
Yes
≠6
≠6
≠6
6
≠6
GPIO4 controls regulator selected by
reg1_select and reg2_select (1)
Yes
≠6
≠6
≠6
≠6
6
GPIO5 controls regulator selected by
reg1_select and reg2_select (1)
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com