Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 37 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 37 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 33Page - ams-OSRAM AG AS3701 Datasheet HTML 34Page - ams-OSRAM AG AS3701 Datasheet HTML 35Page - ams-OSRAM AG AS3701 Datasheet HTML 36Page - ams-OSRAM AG AS3701 Datasheet HTML 37Page - ams-OSRAM AG AS3701 Datasheet HTML 38Page - ams-OSRAM AG AS3701 Datasheet HTML 39Page - ams-OSRAM AG AS3701 Datasheet HTML 40Page - ams-OSRAM AG AS3701 Datasheet HTML 41Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 110 page
background image
Page 36
ams Datasheet
Document Feedback
[v1-11] 2016-Dec-14
AS3701 − Detailed Description – System Functions
Figure 42:
Start-Up Sequence Diagram 1/5
Start-Up Sequence: This diagram shows the timing of a startup from scratch (battery or charger insertion)
Figure 43:
Start-Up Sequence Diagram 2/5
Start-Up Sequence: This diagram shows the timing of a startup from power-off mode via ON key press (battery
connected, VSUP > ResVoltRise)
Reg1_addr (b0:3 fuse aah)
VSUP
Reset Voltage Rise level
5ms debounce
VSUP >
ResVoltRise
Reg2_addr (b4:7 fuse aah)
0ms delay (if Reg2_delay =0)
1ms delay (if Reg2_delay = 1 and del_time =0)
4ms delay (if Reg2_delay = 1 and del_time =1)
Reg4_addr (b4:7 fuse adh)
0ms delay (if Reg1_delay =0)
1ms delay (if Reg1_delay = 1 and del_time =0)
4ms delay (if Reg1_delay = 1 and del_time =1)
10..150ms set by res_timer in O TP
XRES
0ms delay (if Reg4_delay =0)
1ms delay (if Reg4_delay = 1 and del_time =0)
4ms delay (if Reg4_delay = 1 and del_time =1)
Reg3_addr (b0:3 fuse adh)
0ms delay (if Reg3_delay =0)
1ms delay (if Reg3_delay = 1 and del_time =0)
4ms delay (if Reg3_delay = 1 and del_time =1)
PWRGood
1ms delay
between last timeslot (regulator) and
PWRGood signal going high
reg1_V (b0:7 fuse abh)
reg2_V (b0:7 fuse ach)
reg3_V (b0:7 fuse aeh)
reg4_V (b0:7 fuse afh)
PO R level reached
2ms
oscillator
stable
Reg1_addr (b0:3 fuse aah)
VBAT = VSUP > ResVoltRise
5ms debounce
VSUP >
ResVoltRise
0ms delay (if Reg4_delay =0)
1ms delay (if Reg4_delay = 1 and del_time =0)
4ms delay (if Reg4_delay = 1 and del_time =1)
Reg4_addr (b4:7 fuse adh)
0ms delay (if Reg1_delay =0)
1ms delay (if Reg1_delay = 1 and del_time =0)
4ms delay (if Reg1_delay = 1 and del_time =1)
10..150ms set by res_timer in O TP
XRES
PWRGood
1ms delay
between last timeslot (regulator) and
PWRGood signal going high
reg1_V (b0:7 fuse abh)
reg4_V (b0:7 fuse afh)
2ms
oscillator
stable
ON
20ms
ON
debounce



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com