Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 9Page - ams-OSRAM AG AS3701 Datasheet HTML 10Page - ams-OSRAM AG AS3701 Datasheet HTML 11Page - ams-OSRAM AG AS3701 Datasheet HTML 12Page - ams-OSRAM AG AS3701 Datasheet HTML 13Page - ams-OSRAM AG AS3701 Datasheet HTML 14Page - ams-OSRAM AG AS3701 Datasheet HTML 15Page - ams-OSRAM AG AS3701 Datasheet HTML 16Page - ams-OSRAM AG AS3701 Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 110 page
background image
Page 12
ams Datasheet
Document Feedback
[v1-11] 2016-Dec-14
AS3701 − Detailed Description – Power Management Functions
Figure 11:
Switching Behavior at Operating Point 4
Operating Point 4: These graphs show the switching behavior referring to the operating point 4 from figure10.
Here the mode is set to low noise/low ripple operation and the DCDC is continuously switching at 10mA load
current.
Only in the case the load current gets so small, that less than
the minimum on time of the PMOS would be needed to keep
the loop in regulation, the regulator will enter low power mode
operation.
Figure 12:
Switching Behavior at Operating Point 2
Operating Point 2: These graphs show the switching behavior referring to the operating point 2 from figure10.
Here the mode is set to low noise/low ripple operation and the DCDC has already started to skip pulses, as the
minimum PMOS ON time of 40ns has been reached and the load current is further decreasing down to 2mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com