Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 54 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 54 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 50Page - ams-OSRAM AG AS3701 Datasheet HTML 51Page - ams-OSRAM AG AS3701 Datasheet HTML 52Page - ams-OSRAM AG AS3701 Datasheet HTML 53Page - ams-OSRAM AG AS3701 Datasheet HTML 54Page - ams-OSRAM AG AS3701 Datasheet HTML 55Page - ams-OSRAM AG AS3701 Datasheet HTML 56Page - ams-OSRAM AG AS3701 Datasheet HTML 57Page - ams-OSRAM AG AS3701 Datasheet HTML 58Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 110 page
background image
ams Datasheet
Page 53
[v1-11] 2016-Dec-14
Document Feedback
AS3701 − Detailed Description – System Functions
Interrupt Generation
The interrupt controller generates an interrupt request for the
host controller as soon as one or more of the bits in the
InterruptMask registers are set by pulling low the pin XIRQ. All
the interrupt sources can be enabled in the Interrupt Mask
registers. If an interrupt occurs, the Interrupt Status registers
get set and cleared automatically after the host controller has
read them.
To prevent the AS3701 device from losing an interrupt event,
the register that is read is captured before it is transmitted to
the host controller via the serial interface. As soon as the
transmission of the captured value is completed, a logical AND
operation with the bit wise inverted captured value is applied
to the register to clear all interrupt bits that have already been
transmitted. Clearing the read interrupt bits takes 2 clock
cycles, a read access to the same register, before the clearing
process has completed, will yield a value of ‘0’. Note that an
interrupt that has been present at the previous read access will
be cleared as well in case it occurs again before the clearing
process has completed.
Wire-Serial Control Interface
Feature List
• Fast-mode capability (max. SCL-frequency is 400 kHz)
• 7+1-bit addressing mode
• 60h x 8-bit data registers (word address 0x00 - 0x60)
• Write formats: Single-Byte-Write, Page-Write
• Read formats: Current-Address-Read, Random-Read,
Sequential-Read
• SDA input delay and SCL spike filtering by integrated
RC-components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com