Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 15 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 15 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 11Page - ams-OSRAM AG AS3701 Datasheet HTML 12Page - ams-OSRAM AG AS3701 Datasheet HTML 13Page - ams-OSRAM AG AS3701 Datasheet HTML 14Page - ams-OSRAM AG AS3701 Datasheet HTML 15Page - ams-OSRAM AG AS3701 Datasheet HTML 16Page - ams-OSRAM AG AS3701 Datasheet HTML 17Page - ams-OSRAM AG AS3701 Datasheet HTML 18Page - ams-OSRAM AG AS3701 Datasheet HTML 19Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 110 page
background image
Page 14
ams Datasheet
Document Feedback
[v1-11] 2016-Dec-14
AS3701 − Detailed Description – Power Management Functions
Figure 15:
Output Voltage Ripple Measurement at Operating Point 5
Operating Point 5: These graphs show the switching behavior referring to the operating point 5 from figure10.
Here the load current is 100mA and high enough to keep the DCDC always in a continuous switching operation
regardless of the mode setting.
Low Power Mode Operation (Automatically Controlled)
As soon as the output voltage stays above the desired target
value for a certain time, some internal blocks will be powered
down leaving the output floating to lower the power
consumption. Normal operation starts as soon as the output
drops below the target value for a similar amount of time. To
minimize the accuracy error some internal circuits are kept
powered to assure a minimized output voltage ripple.
Two addition guard bands, based on comparators, are set at
±5% of the target value to react quickly on large
over/undershoots by immediately turning ON the output
drivers without the normal time delays. This ensures a
minimized ripple also in very extreme load conditions.
Dynamic Voltage Management
To minimize the over-/undershoot during a change of the
output voltage, the DVM can be enabled with dvm_enable [SD_
control2]. With DVM the output voltage will ramp up/down with
a selectable slope after the new value was written to the
registers. The DVM time can be chosen between 8
μs and 16μs
by setting the bit dvm_time [SD_control2]. Without DVM the
slew rate of the output voltage is only determined by external
components like the coil and load capacitor as well as the load
current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com