Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 58 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 58 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 54Page - ams-OSRAM AG AS3701 Datasheet HTML 55Page - ams-OSRAM AG AS3701 Datasheet HTML 56Page - ams-OSRAM AG AS3701 Datasheet HTML 57Page - ams-OSRAM AG AS3701 Datasheet HTML 58Page - ams-OSRAM AG AS3701 Datasheet HTML 59Page - ams-OSRAM AG AS3701 Datasheet HTML 60Page - ams-OSRAM AG AS3701 Datasheet HTML 61Page - ams-OSRAM AG AS3701 Datasheet HTML 62Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 110 page
background image
ams Datasheet
Page 57
[v1-11] 2016-Dec-14
Document Feedback
AS3701 − Register Description
Figure 66:
Register Overview
Addr
Name
D7
D6
D5
D4
D3
D2
D1
D0
01h
SD1Voltage
sd1_frequ
sd1_vsel<6:0>
02h
LDO1Voltage
ldo1_on
ldo1_ilimit
ldo1_vsel<5:0>
03h
LDO2Voltage
ldo2_on
ldo2_ilimit
ldo2_vsel<5:0>
09h
GPIO1control
gpio1_invert
gpio1_mode<6:4>
gpio1_iosf<3:0>
0ah
GPIO2control
gpio2_invert
gpio2_mode<6:4>
gpio2_iosf<3:0>
0bh
GPIO3control
gpio3_invert
gpio3_mode<6:4>
gpio3_iosf<3:0>
0ch
GPIO4control
gpio4_invert
gpio4_mode<6:4>
gpio4_iosf<3:0>
0dh
GPIO5control
gpio5_invert
gpio5_mode<6:4>
gpio5_iosf<3:0>
20h
GPIOsignal_out
-
gpio5_out
gpio4_out
gpio3_out
gpio2_out
gpio1_out
21h
GPIOsignal_in
-
gpio5_in
gpio4_in
gpio3_in
gpio2_in
gpio1_in
22h
Reg1_Voltage
-
Reg1_voltage<6:0>
23h
Reg2_Voltage
-
Reg2_voltage<6:0>
24h
Reg_Control
-
Reg2_select<5:4>
-
Reg1_select<1:0>
25h
GPIO_ctrl1
-
gpio_ctrl_ldo2<6:4>
-
gpio_ctrl_ldo1<2:0>
26h
GPIO_ctrl2
- 
gpio_ctrl_sd1<2:0>
30h
SD_control1
sd1_enable
sd1_low_
noise
sd1_fast
sd1_fsel
-
dvm_enable
dvm_time
Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com