Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 29 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 29 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 25Page - ams-OSRAM AG AS3701 Datasheet HTML 26Page - ams-OSRAM AG AS3701 Datasheet HTML 27Page - ams-OSRAM AG AS3701 Datasheet HTML 28Page - ams-OSRAM AG AS3701 Datasheet HTML 29Page - ams-OSRAM AG AS3701 Datasheet HTML 30Page - ams-OSRAM AG AS3701 Datasheet HTML 31Page - ams-OSRAM AG AS3701 Datasheet HTML 32Page - ams-OSRAM AG AS3701 Datasheet HTML 33Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 110 page
background image
Page 28
ams Datasheet
Document Feedback
[v1-11] 2016-Dec-14
AS3701 − Detailed Description – Power Management Functions
Figure 33:
NTC Supervision Configuration
Note(s):
1. If no NTC supervision is selected, all NTC relevant bits are ineffective
2. AS3701B only
NTC Resistor
Depending on the used resistor value of the NTC (10k or 100k)
the internal NTC current (150
μA for 10k or 15μA for 100k) can
be selected via ntc_10k [ChargerSupervision].
High/Low Temperature
The battery high temperature supervision is controlled with the
bit ntc_high_on [ChargerSupervision] and this feature is enabled
per default. If the temperature is higher than 45°C or 60°C
(depending on ntc_mode [ChargerSupervision]) the flag temp_
cond [ChargerStatus1] will be set and the charger will stop
operation. When the battery temperature drops and the
voltage on NTC pin rises above VBATTEMP_HIGH_OFF, the flag
temp_cond will be reset and the charger will continue with the
charging again.
The battery low temperature supervision is controlled with the
bit ntc_low_on [ChargerSupervision] and this feature is disabled
per default. If the temperature is lower than 0°C the flag temp_
cond [ChargerStatus1] will be set and the charger will stop
operation. When the battery temperature rises and the voltage
on NTC pin falls below VBATTEMP_LOW_OFF, the flag temp_cond
will be reset and the charger will continue with the charging
again.
The detection of a high or low battery temperature can also be
indicated with a dedicated interrupt mask bit bat_temp_m
[InterruptMask2].
For the high and low temperature supervision, a temperature
hysteresis is included to avoid an oscillation of the charger.
The supply for the NTC will be on when either the ntc_high_on
or the ntc_low_on bit is set, no matter if a charger is detected
or not. Therefore the battery temperature supervision can be
used for charging mode and also for discharging mode.
NTC_input
NTC Supervision Configuration
00
No NTC supervision (1)
01
XIRQ_NTC pin
10
GPIO3 pin (2)
11
GPIO4 pin (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com