Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 53 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 53 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 49Page - ams-OSRAM AG AS3701 Datasheet HTML 50Page - ams-OSRAM AG AS3701 Datasheet HTML 51Page - ams-OSRAM AG AS3701 Datasheet HTML 52Page - ams-OSRAM AG AS3701 Datasheet HTML 53Page - ams-OSRAM AG AS3701 Datasheet HTML 54Page - ams-OSRAM AG AS3701 Datasheet HTML 55Page - ams-OSRAM AG AS3701 Datasheet HTML 56Page - ams-OSRAM AG AS3701 Datasheet HTML 57Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 110 page
background image
Page 52
ams Datasheet
Document Feedback
[v1-11] 2016-Dec-14
AS3701 − Detailed Description – System Functions
800/1100mA Charger Input
With this function the charger input current limiter can be set
to 800mA or 1100mA.
The gpioX_mode [GPIOxcontrol] should be set to input.
The gpioX_iosf [GPIOxcontrol] should be set to 800/1100mA USB
current limit.
Charging Enable Input
When pulling the GPIO to high the charger is being enabled and
vice versa. This is to enable the charger without I²C
communication.
The gpioX_mode [GPIOxcontrol] should be set to input.
The gpioX_iosf [GPIOxcontrol] should be set to Charger enable
input.
Supervisor
The Step Down DCDC Converter has an integrated overcurrent
protection. An overtemperature protection of the chip is also
integrated which can be switched ON with the serial interface
signal temp_pmc_on [OvertemperatureControl] (enabled by
default; it is not recommended to disable the overtemperature
protection).
Temperature Supervision
The chip has two signals for the serial interface: ov_temp_110
and ov_temp_140 [OvertemperatureControl].
The flag ov_temp_110 is automatically reset if the
overtemperature condition is removed, whereas ov_temp_140
has to be reset by the serial interface with the signal rst_ov_
temp_140 [OvertemperatureControl]. If the flag ov_temp_140 is
set, an automatic reset of the complete chip is initiated. The
chip will only start-up when the temperature falls below the
T110 level (including hysteresis). The flag ov_temp_140 is not
affected by this reset cycle allowing the software to detect the
reason for this unexpected shutdown.
Figure 58:
Overtemperature Protection
Symbol
Parameter
Note
Min
Typ
Max
Unit
T110
ov_temp_110 rising
threshold
95
110
125
°C
T140
ov_temp_140 rising
threshold
125
140
155
°C
THYST
ov_temp_110 and
ov_temp_140 hysteresis
5°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com