Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 22 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 22 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 18Page - ams-OSRAM AG AS3701 Datasheet HTML 19Page - ams-OSRAM AG AS3701 Datasheet HTML 20Page - ams-OSRAM AG AS3701 Datasheet HTML 21Page - ams-OSRAM AG AS3701 Datasheet HTML 22Page - ams-OSRAM AG AS3701 Datasheet HTML 23Page - ams-OSRAM AG AS3701 Datasheet HTML 24Page - ams-OSRAM AG AS3701 Datasheet HTML 25Page - ams-OSRAM AG AS3701 Datasheet HTML 26Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 110 page
background image
ams Datasheet
Page 21
[v1-11] 2016-Dec-14
Document Feedback
AS3701 − Detailed Description – Power Management Functions
Figure 25:
LDO Output Voltage vs. Output Current 1/2
LDO Output Voltage vs. Output Current: VOUT = 1.2V, TAMB = 25°C.
Figure 26:
LDO Output Voltage vs. Output Current 2/2
LDO Output Voltage vs. Output Current: VOUT = 3.0V, TAMB = 25°C.
1.180
1.185
1.190
1.195
1.200
1.205
1.210
0.1
1
10
100
1000
Output Current (mA)
VSUP = 2.8V
VSUP = 3.7V
VSUP = 5.5V
Vout = 1.2V
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0.1
1
10
100
1000
Output Current (mA)
VSUP = 2.8V
VSUP = 3.7V
VSUP = 5.5V
Vout = 1.2V
3
3.01
3.02
3.03
3.04
3.05
0.1
1
10
100
1000
Output Current (mA)
VSUP = 3.7V
VSUP = 5.5V
Vout = 3.0V
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0.1
1
10
100
1000
Output Current (mA)
VSUP = 3.7V
VSUP = 5.5V
Vout = 3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com