Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 84 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 84 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 80Page - ams-OSRAM AG AS3701 Datasheet HTML 81Page - ams-OSRAM AG AS3701 Datasheet HTML 82Page - ams-OSRAM AG AS3701 Datasheet HTML 83Page - ams-OSRAM AG AS3701 Datasheet HTML 84Page - ams-OSRAM AG AS3701 Datasheet HTML 85Page - ams-OSRAM AG AS3701 Datasheet HTML 86Page - ams-OSRAM AG AS3701 Datasheet HTML 87Page - ams-OSRAM AG AS3701 Datasheet HTML 88Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 110 page
background image
ams Datasheet
Page 83
[v1-11] 2016-Dec-14
Document Feedback
AS3701 − Register Description
Figure 100:
ChargerCurrentControl
Addr:82h
ChargerCurrentControl
Bit
Bit Name
Default
Access
Bit Description
7:4
TrickleCurrent
b0000
RW
Sets the charging current limit in trickle current mode.
0 : 11mA (default)
1 : 23mA
2 : 35mA
3 : 47mA
4 : 59mA
5 : 70mA
6 : 82mA
7 : 94mA
8 : 106mA
9 : 118mA
10 : 130mA
11 : NA
12 : NA
13 : NA
14 : NA
15 : NA
3:0
Constant
Current
b0000
RW
Sets the charging current limit in constant current mode.
0 : 44mA if cc_range_select=0, 11mA if cc_range_select=1
(default)
1 : 88mA if cc_range_select=0, 23mA if cc_range_select=1
2 : 133mA if cc_range_select=0, 35mA if cc_range_
select=1
3 : 178mA if cc_range_select=0, 47mA if cc_range_
select=1
4 : 223mA if cc_range_select=0, 59mA if cc_range_
select=1
5 : 268mA if cc_range_select=0, 70mA if cc_range_
select=1
6 : 313mA if cc_range_select=0, 82mA if cc_range_
select=1
7 : 358mA if cc_range_select=0, 94mA if cc_range_
select=1
8 : 403mA if cc_range_select=0, 106mA if cc_range_
select=1
9 : 448mA if cc_range_select=0, 118mA if cc_range_
select=1
10 : 494mA if cc_range_select=0, 130mA if cc_range_
select=1)
11 : NA
12 : NA
13 : NA
14 : NA
15 : NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com