Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 85 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 85 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 81Page - ams-OSRAM AG AS3701 Datasheet HTML 82Page - ams-OSRAM AG AS3701 Datasheet HTML 83Page - ams-OSRAM AG AS3701 Datasheet HTML 84Page - ams-OSRAM AG AS3701 Datasheet HTML 85Page - ams-OSRAM AG AS3701 Datasheet HTML 86Page - ams-OSRAM AG AS3701 Datasheet HTML 87Page - ams-OSRAM AG AS3701 Datasheet HTML 88Page - ams-OSRAM AG AS3701 Datasheet HTML 89Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 110 page
background image
Page 84
ams Datasheet
Document Feedback
[v1-11] 2016-Dec-14
AS3701 − Register Description
Figure 101:
ChargerConfig1
Addr:83h
ChargerConfig1
Bit
Bit Name
Default
Access
Bit Description
7
Charging_
1Hz_clk
b0
RW
Sets the mode for the charging output status
(gpioX_iosf = 10)
0 : Normal operation: charging=1, not charging=0
1 : 1Hz blinking operation: charging=1Hz, not
charging=0
6
ChVolt
Resume
b0
RW
Sets the resume voltage level VCHRES
0 : 3.33% of ChVoltEOC (140mV default)
1 : 5.56% of ChVoltEOC (233mV default)
5:4
temp_sel
b00
RW
Selects temperature regulation of charging current
(die temp.)
0 : 120degC
1 : 130degC
2 : 110degC
3 : 90degC
3:1
vsup_voltage
b100
RW
Voltage regulation of VSUP of the input current limiter
0 : 4.4V
1 : 4.5V
2 : 4.6V
3 : 4.7V
4 : 4.8V (default)
5 : 4.9V
6 : 5.0V
7 : 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com