Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 74 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 74 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 70Page - ams-OSRAM AG AS3701 Datasheet HTML 71Page - ams-OSRAM AG AS3701 Datasheet HTML 72Page - ams-OSRAM AG AS3701 Datasheet HTML 73Page - ams-OSRAM AG AS3701 Datasheet HTML 74Page - ams-OSRAM AG AS3701 Datasheet HTML 75Page - ams-OSRAM AG AS3701 Datasheet HTML 76Page - ams-OSRAM AG AS3701 Datasheet HTML 77Page - ams-OSRAM AG AS3701 Datasheet HTML 78Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 110 page
background image
ams Datasheet
Page 73
[v1-11] 2016-Dec-14
Document Feedback
AS3701 − Register Description
Figure 84:
Startup_Control
Addr:33h
Startup_Control
Bit
Bit Name
Default
Access
Bit Description
7
chg_pwr_off_
en
b0
RO
Select charger detection in power OFF mode
Read only (OTP setting)
0 : Exit of Power OFF mode, if charger is detected (level
detection)
1 : Exit of Power OFF mode, if charger insertion is detected
(rising edge detection)
6
power_off_at_
vsuplow
b0
RW_SM
Switch into Power OFF mode if low VSUP is detected
during active or standby mode
(Pin ON = low and bit auto_off = 0)
0 : If low VSUP(ResVoltFall) is detected, enter VSUP
Debounce state, continuously monitor VSUP voltage and
startup if VSUP voltage is above ResVoltRise
1 : If low VSUP(ResVoltFall) is detected, enter power OFF
mode
5
stby_reset_
disable
b0
RW
Disable Reset output signal (PIN XRES) in standby mode
0 : Normal mode, reset is active in standby mode
1 : No reset in standby mode and during exit of standby
mode
4
auto_off
b0
RO
Defines startup behavior at first battery insertion
0 : Startup of chip if VBAT>ResVoltRise
1 : Enter power OFF mode (Startup with ON key or charger
insertion)
3:2
off_delay
b01
RW
Set Delay between I²C command, GPIO or Reset signal for
power_off, standby mode or reset
and execution of that command
0 : No delay
1 : 8 ms (default)
2 : 16 ms
3 : 32 ms
1:0
res_timer
b00
RW_SM
Set RESTime, after the last regulator has started
0 : RESTIME=10ms (default)
1 : RESTIME=50ms
2 : RESTIME=100ms
3 : RESTIME=150ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com