Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 5 Page - ams-OSRAM AG

  AS3701 Datasheet HTML 1Page - ams-OSRAM AG AS3701 Datasheet HTML 2Page - ams-OSRAM AG AS3701 Datasheet HTML 3Page - ams-OSRAM AG AS3701 Datasheet HTML 4Page - ams-OSRAM AG AS3701 Datasheet HTML 5Page - ams-OSRAM AG AS3701 Datasheet HTML 6Page - ams-OSRAM AG AS3701 Datasheet HTML 7Page - ams-OSRAM AG AS3701 Datasheet HTML 8Page - ams-OSRAM AG AS3701 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 110 page
background image
Page 4
ams Datasheet
Document Feedback
[v1-11] 2016-Dec-14
AS3701 − General Description
Figure 3:
Functional Blocks of AS3701B
Block Diagram: This figure shows the block diagram of the AS3701B
LOGIC &
CONTROL
Power Path &
Current Limiter
Linear
Charger
VUSB
VSUP_CHG
AS3701B
VBAT
ON
SCL
SDA
XRES
DCDC
500mA
0.6 – 3.4V
Iq = 30uA
VSS_SD1
FB_SD1
LX_SD1
1uH
10uF
LDO1
1.2 – 3.3V
200mA
Iq = 5uA
Current
Sinks
LDO1
VSUP
VSUP
2.2uF
2.2uF
PWM
GND
GPIO1_CURR1
GPIO2_CURR2
LDO2
1.2 – 3.3V
200mA
Iq = 5uA
LDO2
2.2uF
2.2uF
VSUP
VSUP_SD1
XIRQ_NTC
GPIO
GPIO3..5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com